Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLE18100X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LLE18100X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18100X Datasheet(HTML) 2 Page - NXP Semiconductors

  LLE18100X Datasheet HTML 1Page - NXP Semiconductors LLE18100X Datasheet HTML 2Page - NXP Semiconductors LLE18100X Datasheet HTML 3Page - NXP Semiconductors LLE18100X Datasheet HTML 4Page - NXP Semiconductors LLE18100X Datasheet HTML 5Page - NXP Semiconductors LLE18100X Datasheet HTML 6Page - NXP Semiconductors LLE18100X Datasheet HTML 7Page - NXP Semiconductors LLE18100X Datasheet HTML 8Page - NXP Semiconductors LLE18100X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
November 1994
2
Philips Semiconductors
Product specification
NPN silicon planar epitaxial microwave
power transistor
LLE18100X
FEATURES
• Diffused emitter ballasting resistors
providing excellent current sharing
and withstanding a high VSWR
• Interdigitated structure provides
high emitter efficiency
• Gold metallization realizes very
good stability of the characteristics
and excellent lifetime
• Multicell geometry gives good
balance of dissipated power and
low thermal resistance
• Internal input prematching ensures
good stability and allows an easier
design of wideband circuits.
PINNING - SOT437A
PIN
DESCRIPTION
1
collector
2
base
3
emitter connected to flange
DESCRIPTION
NPN silicon planar epitaxial
microwave power transistor in a
SOT437A glued cap metal ceramic
flange package, with emitter
connected to flange.
APPLICATIONS
Intended for use in common emitter,
class AB power amplifiers in CW
conditions for professional
applications at 1.85 GHz.
QUICK REFERENCE DATA
Microwave performance up to Tmb = 25 °C in a common emitter class AB
amplifier.
PIN CONFIGURATION
MODE OF
OPERATION
f
(GHz)
VCE
(V)
ICQ
(A)
PL1
(W)
Gpo
(dB)
ZI/ZL
(
Ω)
class AB (CW)
1.85
24
0.1
≥ 9
≥ 8
see Figs 8
and 9
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
fpage
MBC045
1
2
3
Top view
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All
persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com