Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLE18100X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LLE18100X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18100X Datasheet(HTML) 3 Page - NXP Semiconductors

  LLE18100X Datasheet HTML 1Page - NXP Semiconductors LLE18100X Datasheet HTML 2Page - NXP Semiconductors LLE18100X Datasheet HTML 3Page - NXP Semiconductors LLE18100X Datasheet HTML 4Page - NXP Semiconductors LLE18100X Datasheet HTML 5Page - NXP Semiconductors LLE18100X Datasheet HTML 6Page - NXP Semiconductors LLE18100X Datasheet HTML 7Page - NXP Semiconductors LLE18100X Datasheet HTML 8Page - NXP Semiconductors LLE18100X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
November 1994
3
Philips Semiconductors
Product specification
NPN silicon planar epitaxial microwave
power transistor
LLE18100X
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Up to 0.2 mm from ceramic.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
45
V
VCER
collector-emitter voltage
RBE = 220 Ω−
30
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current
−
2A
Ptot
total power dissipation
Tmb =75 °C
−
23
W
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
−
200
°C
Tsld
soldering temperature
t
≤ 10 s
note 1
−
235
°C
Fig.2 DC SOAR.
Tmb ≤ 75 °C
(1) Region of permissible DC operation
handbook, halfpage
10−2
10−1
1
VCE (V)
10
110
(1)
102
IC
(A)
MRA545
Fig.3
Maximum power dissipation derating as a
function of mounting base temperature.
Ptot max = 23 W.
handbook, halfpage
0
5
10
15
20
25
30
0
50
100
150
200
Tmb (
oC)
250
Ptot
(W)
MRA544



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com