Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UN485E Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # UN485E
Description  ±16kV ESD Protected 1Mbps, Half-duplex ,RS485/RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UN485E Datasheet(HTML) 2 Page - UN Semiconducctor INC

  UN485E Datasheet HTML 1Page - UN Semiconducctor INC UN485E Datasheet HTML 2Page - UN Semiconducctor INC UN485E Datasheet HTML 3Page - UN Semiconducctor INC UN485E Datasheet HTML 4Page - UN Semiconducctor INC UN485E Datasheet HTML 5Page - UN Semiconducctor INC UN485E Datasheet HTML 6Page - UN Semiconducctor INC UN485E Datasheet HTML 7Page - UN Semiconducctor INC UN485E Datasheet HTML 8Page - UN Semiconducctor INC UN485E Datasheet HTML 9Page - UN Semiconducctor INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/9
Pin Description
Receiver Output. When enabled, if A-B ≥ -50mV, then RO = high. If A-B ≤ -200 mV, then RO = low.
Receiver Output Enable. A low level enables the RO; A high level places it in a high impedance state.
Driver Output Enable. A high level enables the driver differential outputs, Pin A and Pin B;
A low level places the driver in a high impedance state
Driver Input. When the driver is enabled, a logic low on DI forces Pin A low and Pin B high;
A logic high on DI forces Pin A high and Pin B low.
Ground Connection ( 0V ).
No inverting Receiver Input A/Driver Output A.
Inverting Receiver Input B/Driver Output B.
Power Supply
RO
/RE
GND
A
B
VCC
DE
DI
3
4
1
2
5
6
7
8
Pin Number Pin Name
Function
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability
Absolute Maximum Ratings
+7
-0.3~VCC+0.3
-7~13
-0.3~VCC+0.3
-40~85
-60~150
300
400
VCC
/RE,DE,DI
A,B
RO
--
--
--
--
Supply Voltage
Control Input Voltage
Receiver Intput Voltag
Receiver Output Voltage
Operating Temperature
Storage Temperature Range
Lead Temperature
Continuous Power Dissipation
V
V
V
V
°C
°C
°C
mW
Parameter
Value
Unit
Symbol
ROHS
UN485E
±16kV ESD Protected 1Mbps, Half-duplex,
RS485/RS422 Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com