Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UN485E Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # UN485E
Description  ±16kV ESD Protected 1Mbps, Half-duplex ,RS485/RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UN485E Datasheet(HTML) 3 Page - UN Semiconducctor INC

  UN485E Datasheet HTML 1Page - UN Semiconducctor INC UN485E Datasheet HTML 2Page - UN Semiconducctor INC UN485E Datasheet HTML 3Page - UN Semiconducctor INC UN485E Datasheet HTML 4Page - UN Semiconducctor INC UN485E Datasheet HTML 5Page - UN Semiconducctor INC UN485E Datasheet HTML 6Page - UN Semiconducctor INC UN485E Datasheet HTML 7Page - UN Semiconducctor INC UN485E Datasheet HTML 8Page - UN Semiconducctor INC UN485E Datasheet HTML 9Page - UN Semiconducctor INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3/9
(
If no special situation occurs,VCC=5V±10% ,Temp=TMIN~TMAX,typically VCC=+5V,Temp=25℃)
NOTE1:ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state.
DC Electrical Characteristics Of Driver
V
V
V
V
V
V
V
V
μA
mA
mA
°C
°C
--
VCC
VCC
0.2
3.0
0.2
--
0.8
2.0
250
-35
--
--
5
--
--
--
--
--
--
--
--
--
--
150
20
--
1.5
2.0
--
--
--
2.0
--
-2
35
-250
--
--
--
Fig 1,RL = 27 Ω
Fig 1,RL = 50 Ω
Fig 1,RL = 27 Ω
Fig 1,RL = 27 Ω
Fig 1,RL = 27 Ω
DE,DI,/RE
DE,DI,/RE
DE,DI,/RE
Short to 0V~12V
Short to -7V~0V
--
--
VOD1
∆VOD
VOC
∆VOC
VIH
VIL
IINI
IOSD1
IOSD2
TTS
TTSH
Differential Driver Output(no load)
Change in Magnitude of Differential Output Voltage (NOTE1)
Driver Common-Mode Output Voltage
Change In Magnitude of Common-Mode Voltage (NOTE1)
Input High Voltage
Input Low Voltage
Input Current
Driver Short-Circuit Output Current (short to high)
Driver Short-Circuit Output Current (short to low)
Thermal-Shutdown Threshold
Thermal-Shutdown Hysteresis
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Differential Driver Output
VOD2
Supply Current
μA
μA
μA
300
300
10
--
--
--
180
150
0.5
/RE = 0V or VCC, DE = 0V
/RE = VCC, DE = VCC
/RE = VCC,DE = 0V
ICC1
ICC2
ISHDN
Supply Current in Shutdown Mode
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Supply Current
ROHS
UN485E
±16kV ESD Protected 1Mbps, Half-duplex,
RS485/RS422 Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com