Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002T Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # M41000002T
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002T Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button M41000002T Datasheet HTML 25Page - Advanced Micro Devices M41000002T Datasheet HTML 26Page - Advanced Micro Devices M41000002T Datasheet HTML 27Page - Advanced Micro Devices M41000002T Datasheet HTML 28Page - Advanced Micro Devices M41000002T Datasheet HTML 29Page - Advanced Micro Devices M41000002T Datasheet HTML 30Page - Advanced Micro Devices M41000002T Datasheet HTML 31Page - Advanced Micro Devices M41000002T Datasheet HTML 32Page - Advanced Micro Devices M41000002T Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
28
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
COMMAND DEFINITIONS
Writing specific address and data commands or se-
quences into the command register initiates device
operations. Tables 16 and 18 define the valid register
command sequences. Writing incorrect address and
data values or writing them in the improper se-
quence may place the device in an unknown state. A
reset command is then required the device to reading
array data.
All addresses are latched on the falling edge of WE#
or CE#f, whichever happens later. All data is latched
on the rising edge of WE# or CE#f, whichever hap-
pens first. Refer to the AC Characteristics section for
timing diagrams.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. Each bank is ready to read array data
after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command,
the c orres ponding bank enters the er ase-s us-
pend-read mode, after which the system can read
data from any non-erase-suspended sector within the
same bank. After completing a programming operation
in the Erase Suspend mode, the system may once
again read array data with the same exception. See
the Erase Suspend/Erase Resume Commands sec-
tion for more information.
The system must issue the reset command to return a
bank to the read (or erase-suspend-read) mode if DQ5
goes high during an active program or erase opera-
tion, or if the bank is in the autoselect mode. See the
next section, Reset Command, for more information.
See also Requirements for Reading Array Data in the
Device Bus Operations section for more information.
The Flash Read-Only Operations table provides the
read parameters, and Figure 14 shows the timing
diagram.
Reset Command
Writing the reset command resets the banks to the
read or erase-suspend-read mode. Address bits are
don’t cares for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the bank to which the sys-
tem was writing to reading array data. Once erasure
begins, however, the device ignores reset commands
until the operation is complete.
The reset command may be written between the
sequence cycles in a program command sequence
before programming begins. This resets the bank to
which the system was writing to reading array data. If
the program command sequence is written to a bank
that is in the Erase Suspend mode, writing the reset
c omm an d r et ur ns t hat ba nk to t he e r as e -s us -
pend- read mode. O n c e progr amming begi ns ,
however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the se-
quence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command
must be written to return to reading array data. If a
bank entered the autoselect mode while in the Erase
Suspend mode, writing the reset command returns
that bank to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation,
writing the reset command returns the banks to read-
ing array data (or erase-suspend-read mode if that
bank was in Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and device codes,
and determine whether or not a sector is protected.
Tables 16 and 18 show the address and data require-
ments. The autoselect command sequence may be
written to an address within a bank that is either in the
read or erase-suspend-read mode. The autoselect
command may not be written while the device is ac-
tively programming or erasing in the other bank.
The autoselect command sequence is initiated by first
writing two unlock cycles. This is followed by a third
write cycle that contains the bank address and the au-
to s e lec t c o mm and. The bank then en ters the
autoselect mode. The system may read at any ad-
dress within the same bank any number of times
without initiating another autoselect command
sequence:
s A read cycle at address (BA)XX00h (where BA is
the bank address) returns the manufacturer code.
s A read cycle at address (BA)XX01h in word mode
(or (BA)XX02h in byte mode) returns the device
code.
s A read cycle to an address containing a sector ad-
dress (SA) within the same bank, and the address
02h on A7–A0 in word mode (or the address 04h on
A6–A-1 in byte mode) returns 01h if the sector is
protected, or 00h if it is unprotected. (Refer to Ta-
bles 6–8 for valid sector addresses).
The system must write the reset command to return to
reading array data (or erase-suspend-read mode if the
bank was previously in Erase Suspend).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com