Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002T Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # M41000002T
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002T Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button M41000002T Datasheet HTML 35Page - Advanced Micro Devices M41000002T Datasheet HTML 36Page - Advanced Micro Devices M41000002T Datasheet HTML 37Page - Advanced Micro Devices M41000002T Datasheet HTML 38Page - Advanced Micro Devices M41000002T Datasheet HTML 39Page - Advanced Micro Devices M41000002T Datasheet HTML 40Page - Advanced Micro Devices M41000002T Datasheet HTML 41Page - Advanced Micro Devices M41000002T Datasheet HTML 42Page - Advanced Micro Devices M41000002T Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
38
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –55
°C to +125°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . –40
°C to +85°C
Voltage with Respect to Ground
V
CCf/VCCs (Note 1) . . . . . . . . . . . . –0.3 V to +4.0 V
RESET# (Note 2) . . . . . . . . . . . . –0.5 V to +12.5 V
WP#/ACC . . . . . . . . . . . . . . . . . . –0.5 V to +10.5 V
All other pins (Note 1) . . . . . . –0.5 V to V
CC +0.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
During voltage transitions, input or I/O pins may
overshoot V
SS to –2.0 V for periods of up to 20 ns.
Maximum DC voltage on input or I/O pins is V
CC +0.5 V.
See Figure 7. During voltage transitions, input or I/O pins
may overshoot to V
CC +2.0 V for periods up to 20 ns. See
Figure 8.
2. Minimum DC input voltage on pins OE#, RESET#, and
WP#/ACC is –0.5 V. During voltage transitions, OE#,
WP#/ACC, and RESET# may overshoot V
SS to –2.0 V
for periods of up to 20 ns. See Figure 7. Maximum DC
input voltage on pin RESET# is +12.5 V which may
overshoot to +14.0 V for periods up to 20 ns. Maximum
DC input voltage on WP#/ACC is +9.5 V which may
overshoot to +12.0 V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to absolute maximum rating
conditions for extended periods may affect device reliability.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (T
A) . . . . . . . . .–40°C to +85°C
V
CCf/VCCs Supply Voltage
VCCf/VCCs for standard voltage range . . 2.7 V to 3.3 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Figure 7.
Maximum Negative
Overshoot Waveform
Figure 8.
Maximum Positive
Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
V
CC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com