Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002V Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # M41000002V
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002V Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button M41000002V Datasheet HTML 44Page - Advanced Micro Devices M41000002V Datasheet HTML 45Page - Advanced Micro Devices M41000002V Datasheet HTML 46Page - Advanced Micro Devices M41000002V Datasheet HTML 47Page - Advanced Micro Devices M41000002V Datasheet HTML 48Page - Advanced Micro Devices M41000002V Datasheet HTML 49Page - Advanced Micro Devices M41000002V Datasheet HTML 50Page - Advanced Micro Devices M41000002V Datasheet HTML 51Page - Advanced Micro Devices M41000002V Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
September 5, 2002
Am41DL32x8G
47
PR ELI M I NARY
AC CHARACTERISTICS
Flash Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
Speed Options
Unit
JEDEC
Std
Description
70
85
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
Min
0
ns
t
ASO
Address Setup Time to OE# or
CE#f Low During Toggle Bit
Polling
Min
15
ns
t
WLAX
t
AH
Address Hold Time (WE# to Address)
Min
45
ns
t
AHT
Address Hold Time From CE#f or OE# High During Toggle Bit
Polling
Min
0
ns
t
DVWH
t
DS
Data Setup Time
Min
35
45
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
tOEH
OE# Hold Time
Read
Min
0
ns
Toggle and Data# Polling
Min
10
ns
t
OEPH
Output Enable High During Toggle Bit Polling
Min
20
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write (OE# High to CE#f Low)
Min
0
ns
t
GHWL
t
GHWL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time (CE#f to WE#)
Min
0
ns
t
ELWL
t
CS
CE#f Setup Time (WE# to CE#f)
Min
0
ns
t
EHWH
t
WH
WE# Hold Time (CE#f to WE#)
Min
0
ns
t
WHEH
t
CH
CE#f Hold Time (CE#f to WE#)
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
30
35
ns
t
ELEH
t
CP
CE#f Pulse Width
Min
30
35
ns
t
WHDL
t
WPH
Write Pulse Width High
Min
30
ns
t
SR/W
Latency Between Read and Write Operations
Min
0
ns
t
WHWH1
t
WHWH1
Programming Operation (Note 2)
Byte
Typ
5
µs
Word
Typ
7
t
WHWH1
t
WHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ
4
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.4
sec
t
VCS
V
CCf Setup Time (Note 1)
Min
50
µs
t
RB
Write Recovery Time From RY/BY#
Min
0
ns
t
BUSY
Program/Erase Valid To RY/BY# Delay
Max
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com