Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002V Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # M41000002V
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002V Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button M41000002V Datasheet HTML 6Page - Advanced Micro Devices M41000002V Datasheet HTML 7Page - Advanced Micro Devices M41000002V Datasheet HTML 8Page - Advanced Micro Devices M41000002V Datasheet HTML 9Page - Advanced Micro Devices M41000002V Datasheet HTML 10Page - Advanced Micro Devices M41000002V Datasheet HTML 11Page - Advanced Micro Devices M41000002V Datasheet HTML 12Page - Advanced Micro Devices M41000002V Datasheet HTML 13Page - Advanced Micro Devices M41000002V Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
September 5, 2002
Am41DL32x8G
9
PR ELI M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations
Am41DL32x
8
G
T
70
I
T
TAPE AND REEL
T=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
SRAM DEVICE DENSITY
8=
8 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am41DL32x8G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation
Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am41DL3228GT70I
Am41DL3228GB70I
T, S
M41000002L
M41000002M
Am41DL3228GT85I
Am41DL3228GB85I
M41000002N
M41000002O
Am41DL3238GT70I
Am41DL3238GB70I
M41000002P
M41000002Q
Am41DL3238GT85I
Am41DL3238GB85I
M41000002R
M41000002S
Am41DL3248GT70I
Am41DL3248GB70I
M41000002T
M41000002U
Am41DL3248GT85I
Am41DL3248GB85I
M41000002V
M41000002W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com