Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002W Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # M41000002W
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 36Page - Advanced Micro Devices M41000002W Datasheet HTML 37Page - Advanced Micro Devices M41000002W Datasheet HTML 38Page - Advanced Micro Devices M41000002W Datasheet HTML 39Page - Advanced Micro Devices M41000002W Datasheet HTML 40Page - Advanced Micro Devices M41000002W Datasheet HTML 41Page - Advanced Micro Devices M41000002W Datasheet HTML 42Page - Advanced Micro Devices M41000002W Datasheet HTML 43Page - Advanced Micro Devices M41000002W Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
September 5, 2002
Am41DL32x8G
39
PR ELI M I NARY
DC CHARACTERISTICS
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
V
IN = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LIT
RESET# Input Load Current
V
CC = VCC max; RESET# = 12.5 V
35
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
ILIA
ACC Input Leakage Current
V
CC = VCC max,
WP#/ACC = V
ACC max
35
µA
I
CC1f
Flash V
CC Active Read Current
(Notes 1, 2)
CE#f = VIL, OE# = VIH,
Byte Mode
5 MHz
10
16
mA
1 MHz
2
4
CE#f = V
IL, OE# = VIH,
Word Mode
5 MHz
10
16
1 MHz
2
4
I
CC2f
Flash V
CC Active Write Current
(Notes 2, 3)
CE#f = V
IL, OE# = VIH, WE# = VIL
15
30
mA
ICC3fFlash VCC Standby Current (Note 2)
V
CCf = VCC max, CE#f, RESET#,
WP#/ACC = V
CCf ± 0.3 V
0.2
5
µA
I
CC4fFlash VCC Reset Current (Note 2)
V
CCf = VCC max, RESET# = VSS ±
0.3 V, WP#/ACC = V
CCf ± 0.3 V
0.2
5
µA
I
CC5f
Flash V
CC Current Automatic Sleep
Mode (Notes 2, 4)
V
CCf = VCC max, VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
0.2
5
µA
I
CC6f
Flash V
CC Active
Read-While-Program Current (Notes
1, 2)
CE#f = V
IL, OE# = VIH
Byte
21
45
mA
Word
21
45
I
CC7f
Flash V
CC Active Read-While-Erase
Current (Notes 1, 2)
CE#f = V
IL, OE# = VIH
Byte
21
45
mA
Word
21
45
I
CC8f
Flash V
CC Active
Program-While-Erase-Suspended
Current (Notes 2, 5)
CE#f = V
IL, OE#f = VIH
17
35
mA
I
ACC
ACC Accelerated Program Current,
Word or Byte
CE#f = V
IL, OE# = VIH
ACC pin
5
10
mA
V
CC pin
15
30
mA
V
IL
Input Low Voltage
–0.2
0.8
V
V
IH
Input High Voltage
2.4
V
CC + 0.2
V
VHH
Voltage for WP#/ACC Program
Acceleration and Sector
Protection/Unprotection
8.5
9.5
V
V
ID
Voltage for Sector Protection,
Autoselect and Temporary Sector
Unprotect
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 4.0 mA, VCCf = VCCs =
V
CC min
0.45
V
V
OH1
Output High Voltage
I
OH = –2.0 mA, VCCf = VCCs =
V
CC min
0.85 x
V
CC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.4
V
LKO
Flash Low V
CC Lock-Out Voltage
(Note 5)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com