Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41000002W Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # M41000002W
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 37Page - Advanced Micro Devices M41000002W Datasheet HTML 38Page - Advanced Micro Devices M41000002W Datasheet HTML 39Page - Advanced Micro Devices M41000002W Datasheet HTML 40Page - Advanced Micro Devices M41000002W Datasheet HTML 41Page - Advanced Micro Devices M41000002W Datasheet HTML 42Page - Advanced Micro Devices M41000002W Datasheet HTML 43Page - Advanced Micro Devices M41000002W Datasheet HTML 44Page - Advanced Micro Devices M41000002W Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
40
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
Notes:
1. The I
CC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum I
CC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is
200 nA.
5. Not 100% tested.
SRAM DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Leakage Current
V
IN = VSS to VCC
–1.0
1.0
µA
I
LO
Output Leakage Current
CE1#s = V
IH, CE2s = VIL or OE# =
V
IH or WE# = VIL, VIO= VSS to VCC
–1.0
1.0
µA
ICC
Operating Power Supply Current
I
IO = 0 mA, CE1#s = VIL, CE2s =
WE# = V
IH, VIN = VIH or VIL
3mA
I
CC1s
Average Operating Current
Cycle time = 1 µs, 100% duty,
I
IO = 0 mA, CE1#s ≤ 0.2 V,
CE2
≥ V
CC – 0.2 V, VIN ≤ 0.2 V or
V
IN ≥ VCC – 0.2 V
3mA
I
CC2s
Average Operating Current
Cycle time = Min., IIO = 0 mA,
100% duty, CE1#s = V
IL, CE2s =
V
IH, VIN = VIL = or VIH
30
mA
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = –1.0 mA
2.4
V
I
SB
Standby Current (TTL)
CE1#s = V
IH, CE2 = VIL, Other
inputs = V
IH or VIL
0.3
mA
I
SB1
Standby Current (CMOS)
CE1#s
≥ V
CC – 0.2 V, CE2 ≥ VCC –
0.2 V (CE1#s controlled) or CE2
≤
0.2 V (CE2s controlled), CIOs =
V
SS or VCC, Other input = 0 ~ VCC
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com