Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G80PEF Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29PDL128G80PEF
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEF Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEF Datasheet HTML 14Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 15Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 16Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 17Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 18Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 19Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 20Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 21Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
October 28, 2004
Am29PDL128G
17
P R E L IM IN A R Y
SA120
01110001XXX
32/16
388000h–38FFFFh
1C4000h–1C7FFFh
SA121
01110010XXX
32/16
390000h–397FFFh
1C8000h–1CBFFFh
SA122
01110011XXX
32/16
398000h–39FFFFh
1CC000h–1CFFFFh
SA123
01110100XXX
32/16
3A0000h–3A7FFFh
1D0000h–1D3FFFh
SA124
01110101XXX
32/16
3A8000h–3AFFFFh
1D4000h–1D7FFFh
SA125
01110110XXX
32/16
3B0000h–3B7FFFh
1D8000h–1DBFFFh
SA126
01110111XXX
32/16
3B8000h–3BFFFFh
1DC000h–1DFFFFh
SA127
01111000XXX
32/16
3C0000h–3C7FFFh
1E0000h–1E3FFFh
SA128
01111001XXX
32/16
3C8000h–3CFFFFh
1E4000h–1E7FFFh
SA129
01111010XXX
32/16
3D0000h–3D7FFFh
1E8000h–1EBFFFh
SA130
01111011XXX
32/16
3D8000h–3DFFFFh
1EC000h–1EFFFFh
SA131
01111100XXX
32/16
3E0000h–3E7FFFh
1F0000h–1F3FFFh
SA132
01111101XXX
32/16
3E8000h–3EFFFFh
1F4000h–1F7FFFh
SA133
01111110XXX
32/16
3F0000h–3F7FFFh
1F8000h–1FBFFFh
SA134
01111111XXX
32/16
3F8000h–3FFFFFh
1FC000h–1FFFFFh
SA135
10000000XXX
32/16
400000h–407FFFh
200000h–203FFFh
SA136
10000001XXX
32/16
408000h–40FFFFh
204000h–207FFFh
SA137
10000010XXX
32/16
410000h–417FFFh
208000h–20BFFFh
SA138
10000011XXX
32/16
418000h–41FFFFh
20C000h–20FFFFh
SA139
10000100XXX
32/16
420000h–427FFFh
210000h–213FFFh
SA140
10000101XXX
32/16
428000h–42FFFFh
214000h–217FFFh
SA141
10000110XXX
32/16
430000h–437FFFh
218000h–21BFFFh
SA142
10000111XXX
32/16
438000h–43FFFFh
21C000h–21FFFFh
SA143
10001000XXX
32/16
440000h–447FFFh
220000h–223FFFh
SA144
10001001XXX
32/16
448000h–44FFFFh
224000h–227FFFh
SA145
10001010XXX
32/16
450000h–457FFFh
228000h–22BFFFh
SA146
10001011XXX
32/16
458000h–45FFFFh
22C000h–22FFFFh
SA147
10001100XXX
32/16
460000h–467FFFh
230000h–233FFFh
SA148
10001101XXX
32/16
468000h–46FFFFh
234000h–237FFFh
SA149
10001110XXX
32/16
470000h–477FFFh
238000h–23BFFFh
SA150
10001111XXX
32/16
478000h–47FFFFh
23C000h–23FFFFh
SA151
10010000XXX
32/16
480000h–487FFFh
240000h–243FFFh
SA152
10010001XXX
32/16
488000h–48FFFFh
244000h–247FFFh
SA153
10010010XXX
32/16
490000h–497FFFh
248000h–24BFFFh
SA154
10010011XXX
32/16
498000h–49FFFFh
24C000h–24FFFFh
SA155
10010100XXX
32/16
4A0000h–4A7FFFh
250000h–253FFFh
SA156
10010101XXX
32/16
4A8000h–4AFFFFh
254000h–257FFFh
SA157
10010110XXX
32/16
4B0000h–4B7FFFh
258000h–25BFFFh
SA158
10010111XXX
32/16
A48000h–4BFFFFh
25C000h–25FFFFh
Table 5.
Sector Address Table (Sheet 4 of 7)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com