Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G80PEF Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29PDL128G80PEF
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEF Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEF Datasheet HTML 15Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 16Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 17Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 18Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 19Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 20Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 21Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 22Page - Advanced Micro Devices AM29PDL128G80PEF Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
18
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
SA159
10011000XXX
32/16
4C0000h–4C7FFFh
260000h–263FFFh
SA160
10011001XXX
32/16
4C8000h–4CFFFFh
264000h–267FFFh
SA161
10011010XXX
32/16
4D0000h–4D7FFFh
268000h–26BFFFh
SA162
10011011XXX
32/16
4D8000h–4DFFFFh
26C000h–26FFFFh
SA163
10011100XXX
32/16
4E0000h–4E7FFFh
270000h–273FFFh
SA164
10011101XXX
32/16
4E8000h–4EFFFFh
274000h–277FFFh
SA165
10011110XXX
32/16
4F0000h–4F7FFFh
278000h–27BFFFh
SA166
10011111XXX
32/16
4F8000h–4FFFFFh
27C000h–27FFFFh
SA167
10100000XXX
32/16
500000h–507FFFh
280000h–283FFFh
SA168
10100001XXX
32/16
508000h–50FFFFh
284000h–287FFFh
SA169
10100010XXX
32/16
510000h–517FFFh
288000h–28BFFFh
SA170
10100011XXX
32/16
518000h–51FFFFh
28C000h–28FFFFh
SA171
10100100XXX
32/16
520000h–527FFFh
290000h–293FFFh
SA172
10100101XXX
32/16
528000h–52FFFFh
294000h–297FFFh
SA173
10100110XXX
32/16
530000h–537FFFh
298000h–29BFFFh
SA174
10100111XXX
32/16
538000h–53FFFFh
29C000h–29FFFFh
SA175
10101000XXX
32/16
540000h–547FFFh
2A0000h–2A3FFFh
SA176
10101001XXX
32/16
548000h–54FFFFh
2A4000h–2A7FFFh
SA177
10101010XXX
32/16
550000h–557FFFh
2A8000h–2ABFFFh
SA178
10101011XXX
32/16
558000h–55FFFFh
2AC000h–2AFFFFh
SA179
10101100XXX
32/16
560000h–567FFFh
2B0000h–2B3FFFh
SA180
10101101XXX
32/16
568000h–56FFFFh
2B4000h–2B7FFFh
SA181
10101110XXX
32/16
570000h–577FFFh
2B8000h–2BBFFFh
SA182
10101111XXX
32/16
578000h–57FFFFh
2BC000h–2BFFFFh
SA183
10110000XXX
32/16
580000h–587FFFh
2C0000h–2C3FFFh
SA184
10110001XXX
32/16
588000h–58FFFFh
2C4000h–2C7FFFh
SA185
10110010XXX
32/16
590000h–597FFFh
2C8000h–2CBFFFh
SA186
10110011XXX
32/16
598000h–59FFFFh
2CC000h–2CFFFFh
SA187
10110100XXX
32/16
5A0000h–5A7FFFh
2D0000h–2D3FFFh
SA188
10110101XXX
32/16
5A8000h–5AFFFFh
2D4000h–2D7FFFh
SA189
10110110XXX
32/16
5B0000h–5B7FFFh
2D8000h–2DBFFFh
SA190
10110111XXX
32/16
5B8000h–5BFFFFh
2DC000h–2DFFFFh
SA191
10111000XXX
32/16
5C0000h–5C7FFFh
2E0000h–2E3FFFh
SA192
10111001XXX
32/16
5C8000h–5CFFFFh
2E4000h–2E7FFFh
SA193
10111010XXX
32/16
5D0000h–5D7FFFh
2E8000h–2EBFFFh
SA194
10111011XXX
32/16
5D8000h–5DFFFFh
2EC000h–2EFFFFh
SA195
10111100XXX
32/16
5E0000h–5E7FFFh
2F0000h–2F3FFFh
SA196
10111101XXX
32/16
5E8000h–5EFFFFh
2F4000h–2F7FFFh
SA197
10111110XXX
32/16
5F0000h–5F7FFFh
2F8000h–2FBFFFh
Table 5.
Sector Address Table (Sheet 5 of 7)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com