Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL320GT90WDFN Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29DL320GT90WDFN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT90WDFN Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29DL320GT90WDFN Datasheet HTML 1Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 2Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 3Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 4Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 5Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 6Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 7Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 8Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Publication# 25769
Rev: C Amendment/3
Issue Date: May 25, 2005
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DL320G
32 Megabit (4 M x 8-Bit/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency between read and write operations
Flexible Bank
TM architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
256-byte SecSi
™ (Secured Silicon) Sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: One time programmable. Once
locked, data cannot be changed.
Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
Package options
—63-ball FBGA
—48-ball FBGA
— 48-pin TSOP
— 64-ball Fortified BGA
Top or bottom boot blocks
Manufactured on 0.17 µm process technology
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
High performance
— Access time as fast 70 ns
— Program time: 4 µs/word typical utilizing Accelerate
function
Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
Minimum 1 million write cycles guaranteed per sector
20 year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
— Suspends erase operations to allow reading from
other sectors in the same bank
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect
status
— Acceleration (ACC) function accelerates program
timing
Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
This product has been retired and is not recommended for designs. For new and current designs, S29JL032H (for TSOP packages) and S29PL032J (for FBGA packages) supersede
AM29DL320G as the factory-recommended migration path. Please refer to each respective datasheets for specifications and ordering information. Availability of this document is re-
tained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com