Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL320GT90WDFN Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29DL320GT90WDFN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT90WDFN Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DL320GT90WDFN Datasheet HTML 6Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 7Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 8Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 9Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 10Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 11Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 12Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 13Page - Advanced Micro Devices AM29DL320GT90WDFN Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
8
Am29DL320G
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL320G
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free Package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
WM
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 12 mm package (FBD048)
PC
=
64-Ball Fortified-Pitch Ball Grid Array (FBGA)
1.00 mm pitch, 11 x 13 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top boot sectors
B
=
Bottom boot sectors
DEVICE NUMBER/DESCRIPTION
Am29DL320G
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DL320GT70,
AM29DL320GB70
EI, EIN, EF
AM29DL320GT90,
AM29DL320GB90
AM29DL320GT120,
AM29DL320GB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL320GT70,
AM29DL320GB70
WDI,
WDIN,
WDF,
WDFN
D320GT70V,
D320GB70V
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90V,
D320GB90V
AM29DL320GT120,
AM29DL320GB120
D320GT12V,
D320GB12V
AM29DL320GT70,
AM29DL320GB70
WMI,
WMIN,”
WMF,
WMFN
D320GT70U,
D320GB70U
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90U,
D320GB90U
AM29DL320GT120,
AM29DL320GB120
D320GT12U,
D320GB12U
Valid Combinations for Fortified BGA Packages
Order Number
Package Marking
AM29DL320GT70,
AM29DL320GB70
PCI,
PCF
D320GT70P,
D320GB70P
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90P,
D320GB90P
AM29DL320GT120,
AM29DL320GB120
D320GT12P,
D320GB12P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com