Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD-320S620DV Datasheet(PDF) 13 Page - Inventronics Inc.

Part # ESD-320S620DV
Description  320W Programmable IP67 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESD-320S620DV Datasheet(HTML) 13 Page - Inventronics Inc.

Back Button ESD-320S620DV Datasheet HTML 6Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 7Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 8Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 9Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 10Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 11Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 12Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 13Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 14Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 / 14
Specifications are subject to changes without notice.
All specifications are typical at 25
°C unless otherwise stated.
320W Programmable IP67 Driver
ESD-320SxxxDV
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Others
PROJ:
Unspecified toleranc:±1
V+(BROWN)
V-(BLUE)
BLACK/WHITE
PURPLE
GRAY
AC INPUT(VDE H07RN-F 3*1.0mm2 9.0)
DC OUTPUT(VDE H05RN-F 2*1.0mm2 6.8)
AC/L(BROWN)
AC/N(BLUE)
GND
(YELLOW/GREEN)
DIMMING WIRE(H05RN-F 3*0.5mm2 6.3)
Tc
RoHS Compliance
Our products comply with reference to RoHS Directive (EU) 2015/863 amending 2011/65/EU, calling for the
elimination of lead and other hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com