Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD-320S620DV Datasheet(PDF) 6 Page - Inventronics Inc.

Part # ESD-320S620DV
Description  320W Programmable IP67 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESD-320S620DV Datasheet(HTML) 6 Page - Inventronics Inc.

Back Button ESD-320S620DV Datasheet HTML 2Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 3Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 4Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 5Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 6Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 7Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 8Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 9Page - Inventronics Inc. ESD-320S620DV Datasheet HTML 10Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 / 14
Specifications are subject to changes without notice.
All specifications are typical at 25
°C unless otherwise stated.
320W Programmable IP67 Driver
ESD-320SxxxDV
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Dimming Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
PWM_in High Level
3 V
-
10 V
Dimming mode set to PWM in PC
interface.
PWM_in Low Level
-0.3 V
-
0.6 V
PWM_in Frequency Range
200 Hz
-
3 KHz
PWM_in Duty Cycle
1%
-
99%
PWM Dimming off (Positive
Logic)
3%
5%
8%
PWM Dimming on (Positive
Logic)
5%
7%
10%
PWM Dimming off ( Negative
Logic)
92%
95%
97%
PWM Dimming on ( Negative
Logic)
90%
93%
95%
Hysteresis
-
2%
-
Safety & EMC Compliance
Safety Category
Standard
ENEC & CE
EN 61347-1, EN61347-2-13
EMI Standards
Notes
EN 55015
(1)
Conducted emission Test &Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 4 kV, Common Mode 6 kV
(2)
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
Note:
(1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that
contains it depends also on the other devices connected to the driver and on the fixture itself.
(2) To perform electric strength (hi-pot) testing, the “GDT ground disconnect” (nut and metal lock sheet)
on the driver end-cap should be removed temporarily to prevent the internal gas discharge tube
from conducting (as allowed by IEC 60598-1 Clause 10.2). After testing is completed, these items
must be reinstalled to restore line-to-earth surge protection and secure the end cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com