Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-320S250DX Datasheet(PDF) 13 Page - Inventronics Inc.

Part # ESM-320S250DX
Description  320W P rogrammable IP66/IP67 Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-320S250DX Datasheet(HTML) 13 Page - Inventronics Inc.

Back Button ESM-320S250DX Datasheet HTML 7Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 8Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 9Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 10Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 11Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 12Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 13Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 14Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 15Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13 / 15
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
320W Programmable IP66/IP67 Driver
ESM-320SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
ESM-320S250DG/ESM-320S500DG/ESM-320S760DG
Unspecified tolerance:±1
PROJ:
DIMMING(UL21996 22AWG/3C 5.0)
INPUT(UL SOOW 17AWG/3C & VDE H07RN-F 3*1.0mm2 9.8)
OUTPUT(UL SJOW 17AWG/2C & VDE H05RN-F 2*1.0mm2 7.8)
Tc
L (BRN)
N (BLU)
(YLW/GRN)
Vprg (BLK/WHT)
Dim+ (PUR)
Dim- (PNK)
V+ (BRN)
V- (BLU)
ESM-320S105DT/ESM-320S150DT
Unspecified tolerance:±1
PROJ:
INPUT(UL STW 18AWG/3C 9.5)
DIMMING(UL21996 22AWG/3C 5.0)
OUTPUT(UL STW 18AWG/2C 8.9)
Tc
L1/L (BRN)
L2/N (ORG/GRY)
(YLW/GRN)
V+ (RED)
V- (BLU)
Vprg (BLK/WHT)
Dim+ (PUR)
Dim- (PNK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com