Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-320S250DX Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESM-320S250DX
Description  320W P rogrammable IP66/IP67 Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-320S250DX Datasheet(HTML) 2 Page - Inventronics Inc.

  ESM-320S250DX Datasheet HTML 1Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 2Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 3Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 4Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 5Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 6Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 7Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 8Page - Inventronics Inc. ESM-320S250DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 / 15
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
320W Programmable IP66/IP67 Driver
ESM-320SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
I-V Operation Area
ESM-320S105Dx
ESM-320S150Dx
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 700mA≤Ioset≤1050mA
(420,457)
(70,457)
0
80
160
240
320
400
480
0
200
400
600
800
1000
1200
(700,457)
(1050,305)
(1050,153)
(Ioset,320 /Ioset)
(10%Ioset,320/Ioset)
(105,153)
(Ioset,153)
(1050,183)
100
%Lo
ad
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 1050mA≤Ioset≤1500mA
(630,305)
(105,305)
0
60
120
180
240
300
360
0
300
600
900
1200
1500
1800
(1050,305)
(1500,213)
100%
Loa
d
(1500,107)
(Ioset,320/Ioset)
(10%Ioset,320/Ioset)
(150,107)
(Ioset,107)
(1500,128)
ESM-320S250Dx
ESM-320S500Dx
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 1750mA≤Ioset≤2500mA
(1050,183)
(175,183)
0
35
70
105
140
175
210
0
500
1000
1500
2000
2500
3000
(1750,183)
(2500,128)
100%
Loa
d
(2500,64)
(Ioset,320/Ioset)
(10%Ioset,320/Ioset)
(250,64)
(Ioset,64)
(2500,77)
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 2850mA≤Ioset≤5000mA
(1710,112)
(285,112)
0
20
40
60
80
100
120
0
900
1800
2700
3600
4500
5400
(2850,112)
(5000,64)
(5000,32)
(Ioset,320/Ioset)
(10%Ioset,320/Ioset)
(500,32)
(Ioset,32)
(5000,38)
100
%Lo
ad
ESM-320S760Dx
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 5350mA≤Ioset≤7600mA
(3210,60)
(535,60)
0
11
22
33
44
55
66
0
1500
3000
4500
6000
7500
9000
(5350,60)
(7600,42)
(7600,21)
(Ioset,320 /Ioset)
(10%Ioset,320/Ioset)
(760,21)
(Ioset,21)
(7600,25)
100
%Lo
ad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com