Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-320S024ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESV-320S024ST
Description  320W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-320S024ST Datasheet(HTML) 2 Page - Inventronics Inc.

  ESV-320S024ST Datasheet HTML 1Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 2Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 3Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 4Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 5Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 6Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 7Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
320W Constant Voltage IP67 Driver
 
ESV-320SxxxST
Rev. A
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Input AC Current
-
-
0.81 A
Measured at 100% load and 480 Vac input.
Inrush Current(I
2t)
-
-
8.93 A
2s
At 480Vac input, 25
C Cold Start,
Duration=616μs, 10%Ipk-10%Ipk. See Inrush
Current Waveform for the details.
PF
0.90
-
-
At 277-480Vac, 50-60Hz, 60%-100% load
(192-320W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-2.5%
-
2.5%
Output Voltage Ripple
(pk-pk)
-
-
2%VO
At 0% - 100% load condition. Measured by
20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 μF ceramic capacitor
and a 10 μF electrolytic capacitor.
Output Voltage Overshoot
/Undershoot
-
-
5%Vo
Line Regulation
-
-
±
0.5%
Measured at 100% load
Load Regulation
-
-
±
1.0%
Turn-on Delay Time
-
-
0.5 s
Measured at 277Vac input, 60%-100% load
-
-
0.5 s
Measured at 480Vac input, 60%-100% load
Load
Dynamic
Response
Output Deviation
-
-
5%VO
R/S: 1 A/us
Load: 10% ~ 100%load.
Settling Time
-
-
10 ms
Temperature Coefficient
-
0.03%/
C

-
Case temperature = 0
C~Tc max
Note:
All specifications are typical at 25
C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277Vac input:
ESV-320S024ST
ESV-320S036ST
ESV-320S048ST
ESV-320S054ST
89.0%
89.5%
90.0%
90.0%
91.0%
91.5%
92.0%
92.0%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 347Vac input:
ESV-320S024ST
ESV-320S036ST
ESV-320S048ST
ESV-320S054ST
90.0%
90.0%
90.5%
91.0%
92.0%
92.0%
92.5%
93.0%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com