Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-320S024ST Datasheet(PDF) 3 Page - Inventronics Inc.

Part # ESV-320S024ST
Description  320W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-320S024ST Datasheet(HTML) 3 Page - Inventronics Inc.

  ESV-320S024ST Datasheet HTML 1Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 2Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 3Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 4Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 5Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 6Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 7Page - Inventronics Inc. ESV-320S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 / 8
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
320W Constant Voltage IP67 Driver
 
ESV-320SxxxST
Rev. A
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 480Vac input:
ESV-320S024ST
ESV-320S036ST
ESV-320S048ST
ESV-320S054ST
90.5%
90.5%
91.0%
91.5%
92.5%
92.5%
93.0%
93.5%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
MTBF
-
230,000
Hours
-
Measured at 480Vac input, 80%load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
93,000
Hours
-
Measured at 480Vac input, 80%load and
70
C case temperature; See lifetime vs. Tc
curve for the details
Operating Case
Temperature for Safety Tc_s
-40°C
-
+90
C
Operating Case
Temperature for Warranty
Tc_w
-40°C
-
+70
C
Case temperature for 5 years warranty.
Humidity: 10% RH to 100% RH.
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 100%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
8.82 × 3.86 × 1.76
224 × 98 × 44.8
With mounting ear
9.88 × 3.86 × 1.76
251 × 98 × 44.8
Net Weight
-
1815 g
-
Note:
All specifications are typical at 25
C unless otherwise stated.
Safety & EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750, CAN/CSA-C22.2 No. 250.13
CE
EN61347-1, EN61347-2-13
EMI Standards
Notes
EN 55015
(1)
Conducted emission Test &Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
FCC Part15
(1)
ANSI C63.4 Class B
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: [1] this device may not cause harmful interference, and [2] this device
must accept any interference received, including interference that may cause undesired
operation.
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com