Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUC-024S050SSP Datasheet(PDF) 1 Page - Inventronics Inc.

Part # LUC-024S050SSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S050SSP Datasheet(HTML) 1 Page - Inventronics Inc.

  LUC-024S050SSP Datasheet HTML 1Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 2Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
0 - 10V Dimmable (Compatible with Passive Dimmers)
Constant Current Output
High Efficiency
Active Power Factor Correction
All-Around Protection: OVP, SCP and Open Lamp Protection
Class 2 & SELV Output
Description
The LUC-024SxxxDSP(SSP) series operates from a 90 ~ 305 Vac input range. They are designed to be highly
efficient and reliable. Features include over voltage, short circuit and open lamp protections.
Models
Output
Current
Input
Voltage
Range(1)
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(2)
Typical
Power Factor
(2)
Model Number(6)
350 mA
90 ~ 305 Vac
36~72 Vdc
25 W
86 %
0.94
LUC-024S035DSP(SSP)(3)
500 mA
90 ~ 305 Vac
24~48 Vdc
24 W
86 %
0.94
LUC-024S050DSP(SSP)(4)
700 mA
90 ~ 305 Vac
18~36 Vdc
25 W
85 %
0.94
LUC-024S070DSP(SSP)(5)
1050 mA
90 ~ 305 Vac
12~24 Vdc
25 W
84 %
0.94
LUC-024S105DSP(SSP)(5)
Notes: (1) Certified input voltage range: UL, FCC 100-277Vac; otherwise: 100-240Vac.
(2) Measured in 220 Vac input at 100% load.
(3) Non-Class 2.
(4) Class 2 (USR), Non-Class 2 (CNR).
(5) Class 2 (USR & CNR).
(6) For built-in double insulation models add suffix 00K0.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
90 Vac
-
305 Vac
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 277Vac/60Hz
-
-
0.70 mA
IEC 60598-1; 240Vac/60Hz
Input AC Current
-
-
0.32 A
Measured at 100% load and 100 Vac input
-
-
0.16 A
Measured at 100% load and 220 Vac input
Inrush Current(I2t)
-
-
0.19 A2s
At 220Vac input, 25℃ cold start,
duration=152
μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.


Similar Part No. - LUC-024S050SSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUC-024S050SSP ETC-LUC-024S050SSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
More results

Similar Description - LUC-024S050SSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUC-024SXXXDSP ETC-LUC-024SXXXDSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
logo
Inventronics Inc.
LUC-012SXXXDSMSSM INVENTRONICS-LUC-012SXXXDSMSSM Datasheet
454Kb / 9P
12W Constant Current IP20 Driver
Rev. L
LHC-024SXXXRSP INVENTRONICS-LHC-024SXXXRSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LLC-012SXXXRSP INVENTRONICS-LLC-012SXXXRSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LUC-024SXXXDSW INVENTRONICS-LUC-024SXXXDSW Datasheet
339Kb / 9P
24W Constant Current IP20 Driver
Rev. B
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LWC-018SXXXSSP INVENTRONICS-LWC-018SXXXSSP Datasheet
820Kb / 8P
18W Constant Current IP20 Driver
Rev. J
LWC-024SXXXSSE INVENTRONICS-LWC-024SXXXSSE Datasheet
188Kb / 8P
24W Constant Current IP20 Driver
Rev. L
LWC-024SXXXSSP INVENTRONICS-LWC-024SXXXSSP Datasheet
190Kb / 8P
24W Constant Current IP20 Driver
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com