Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUC-024S050SSP Datasheet(PDF) 3 Page - Inventronics Inc.

Part # LUC-024S050SSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S050SSP Datasheet(HTML) 3 Page - Inventronics Inc.

  LUC-024S050SSP Datasheet HTML 1Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 2Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S050SSP Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
84%
84%
83%
82%
85%
85%
84%
83%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient
No Load
Power Dissipation
-
-
1 W
MTBF
-
290,900
Hours
-
Measured at 120Vac input, 80%load and
25℃ ambient temperature (MIL-HDBK-
217F)
Lifetime
-
100,000
Hours
-
Measured at 120Vac input, 80%load and
60℃ case temperature, see lifetime vs. Tc
for more details
Operating Case Temperature
for Safety
Tc_s
-20 ℃
-
+90 ℃
Operating Case
Temperature for Warranty
Tc_w
-20 ℃
-
+70 ℃
Humidity: 10% RH to 90% RH;
No condensation
Storage Temperature
-20 ℃
-
+85 ℃
Humidity: 5% RH to 95% RH;
No condensation
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
4.72 × 1.65 × 1.20
120 × 42 × 30.5
Net Weight
-
200 g
-
Note: All specifications are tested by PWH01NKT-120-B2C unless otherwise stated.
Dimming Specifications
Parameter
Min.
Typ.
Max.
Notes
Absolute Maximum Voltage
on the 0~10V Wire
-20 V
-
20 V
0~10V Wire Current Sourcing
Capability
0 μA
200 μA
250 μA
Dimming Output Range
10%Iomax
-
100%Iomax
Recommended Dimming Input
Range
0 V
-
10 V
Safety & EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750,UL 1310,CAN/CSA-C22.2 No. 250.13-12,CAN/CSA-C22.2 No. 223-M91
CE & TUV
EN 61347-1, EN 61347-2-13
CB
IEC 61347-1, IEC 61347-2-13
EAC
TP TC 004, TP TC 020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com