Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM49PDL129BH Datasheet(PDF) 51 Page - SPANSION

Part # AM49PDL129BH
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL129BH Datasheet(HTML) 51 Page - SPANSION

Back Button AM49PDL129BH Datasheet HTML 47Page - SPANSION AM49PDL129BH Datasheet HTML 48Page - SPANSION AM49PDL129BH Datasheet HTML 49Page - SPANSION AM49PDL129BH Datasheet HTML 50Page - SPANSION AM49PDL129BH Datasheet HTML 51Page - SPANSION AM49PDL129BH Datasheet HTML 52Page - SPANSION AM49PDL129BH Datasheet HTML 53Page - SPANSION AM49PDL129BH Datasheet HTML 54Page - SPANSION AM49PDL129BH Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
December 16, 2003
Am49PDL127BH/Am49PDL129BH
49
ADV ANCE
I N FO RMAT I O N
DQ7, DQ6, DQ2, or RY/BY# in the erasing bank. Refer
to the Write Operation Status section for information
on these status bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the sector erase command sequence
should be reinitiated once that bank has returned to
reading array data, to ensure data integrity.
Figure 6 illustrates the algorithm for the erase opera-
tion. Refer to the Erase and Program Operations ta-
bles in the AC Characteristics section for parameters,
and Figure 19 section for timing diagrams.
Figure 6.
Erase Operation
Erase Suspend/Erase Resume
Commands
The Erase Suspend command, B0h, allows the sys-
tem to interrupt a sector erase operation and then read
data from, or program data to, any sector not selected
for erasure. The bank address is required when writing
this command. This command is valid only during the
sector erase operation, including the 80 µs time-out
period during the sector erase command sequence.
The Erase Suspend command is ignored if written dur-
ing the chip erase operation or Embedded Program
algorithm.
When the Erase Suspend command is written during
the sector erase operation, the device requires a max-
imum of 20 µs to suspend the erase operation. How-
ever, when the Erase Suspend command is written
during the sector erase time-out, the device immedi-
ately terminates the time-out period and suspends the
erase operation. Addresses are “don’t-cares” when
writing the Erase suspend command.
After the erase operation has been suspended, the
bank enters the erase-suspend-read mode. The sys-
tem can read data from or program data to any sector
not selected for erasure. (The device “erase sus-
pends” all sectors selected for erasure.) Reading at
any address within erase-suspended sectors pro-
duces status information on DQ7–DQ0. The system
can use DQ7, or DQ6 and DQ2 together, to determine
if a sector is actively erasing or is erase-suspended.
Refer to the Write Operation Status section for infor-
mation on these status bits.
After an erase-suspended program operation is com-
plete, the bank returns to the erase-suspend-read
mode. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits,
just as in the standard Word Program operation.
Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. The device
allows reading autoselect codes even at addresses
within erasing sectors, since the codes are not stored
in the memory array. When the device exits the au-
toselect mode, the device reverts to the Erase Sus-
pend mode, and is ready for another valid operation.
Refer to the Autoselect Command Sequence sections
for details.
To resume the sector erase operation, the system
must write the Erase Resume command (address bits
are don’t care). The bank address of the erase-sus-
pended bank is required when writing this command.
Further writes of the Resume command are ignored.
Another Erase Suspend command can be written after
the chip has resumed erasing.
Password Program Command
The Password Program Command permits program-
ming the password that is used as part of the hard-
ware protection scheme. The actual password is
64-bits long. Four Password Program commands are
required to program the password. The system must
enter the unlock cycle, password program command
(38h) and the program address/data for each portion
of the password when programming. There are no pro-
visions for entering the 2-cycle unlock cycle, the pass-
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Table 15 for erase command sequence.
2. See the section on DQ3 for information on the sector
erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com