Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM49PDL129BH Datasheet(PDF) 8 Page - SPANSION

Part # AM49PDL129BH
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL129BH Datasheet(HTML) 8 Page - SPANSION

Back Button AM49PDL129BH Datasheet HTML 4Page - SPANSION AM49PDL129BH Datasheet HTML 5Page - SPANSION AM49PDL129BH Datasheet HTML 6Page - SPANSION AM49PDL129BH Datasheet HTML 7Page - SPANSION AM49PDL129BH Datasheet HTML 8Page - SPANSION AM49PDL129BH Datasheet HTML 9Page - SPANSION AM49PDL129BH Datasheet HTML 10Page - SPANSION AM49PDL129BH Datasheet HTML 11Page - SPANSION AM49PDL129BH Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
6
Am49PDL127BH/Am49PDL129BH
December 16, 2003
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am49PDL127BH/Am49PDL129BH
Speed Option
Standard Voltage Range:
VCC = 2.7–3.3 V
Flash Memory
Pseudo SRAM
66
85
66
85
Max Access Time, ns
65
85
70
85
Page Access Time, ns
25
30
30
35
CE#f1 Access, ns
65
85
70
85
OE# Access, ns
25
30
25
30
VSS
VCCs
RESET#
WE#
OE#
CE1#ps
LB#s
UB#s
WP#/ACC
CE2ps
32 MBit
Pseudo
SRAM
128 MBit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
A20 to A0
(A22) A21 to A0
CE#f1
RY/BY#
A21 to A0
(A22 PDL127 only)
DQ15 to DQ0
CE#f2
(PDL129 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com