Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB150WAD Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29SL400CB150WAD
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB150WAD Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29SL400CB150WAD Datasheet HTML 36Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 37Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 38Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 39Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 40Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 41Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 42Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 43Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
39
D A TA
SH EE T
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 1.8 V, one pin at a time.
TSOP PIN AND BGA PACKAGE CAPACITANCE
Notes:
1.
Sampled, not 100% tested.
2.
Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Description
Min
Max
Input voltage with respect to VSS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
11.0 V
Input voltage with respect to VSS on all I/O pins
–0.5 V
VCC + 0.5 V
VCC Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
TSOP
6
7.5
pF
Fine-pitch BGA
4.2
5.0
pF
COUT
Output Capacitance
VOUT = 0
TSOP
8.5
12
pF
Fine-pitch BGA
5.4
6.5
pF
CIN2
Control Pin Capacitance
VIN = 0
TSOP
7.5
9
pF
Fine-pitch BGA
3.9
4.7
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com