Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB150WAD Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM29SL400CB150WAD
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB150WAD Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM29SL400CB150WAD Datasheet HTML 36Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 37Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 38Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 39Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 40Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 41Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 42Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 43Page - Advanced Micro Devices AM29SL400CB150WAD Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
42
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
REVISION SUMMARY
Revision A (August 14, 2002)
Initial Release.
Revision A+1 (August 28, 2002)
Sector Protection/Unprotection
Changed beginning of second paragraph from, “The primary
method....” to read, “Sector protection/unprotection.”
Deleted third paragraph.
FBB048—48-Ball Fine-Pitch Ball Grid Array (FBGA)
6 x 8 mm package
Changed number in row D in table from 9.00 mm to 8.0 mm.
Revision A+2 (February 5, 2003)
Global
Changed fastest speed option from 103 ns to 100 ns, regu-
lated voltage, added 110 ns speed option standard voltage.
General Description
Changed first sentenced to indicate 48-pin TSOP package
option.
Command Definitions, Table 5
Removed TBD markers from device ID, Top Boot Block to
70h.
Removed TBD markers from device ID, Bottom Boot Block to
FIh.
Changed address bits A18–A11 to A17–A11.
Physical Dimensions, 48-pin TSOP
Changed from Reverse to Standard TSOP package.
Revision A+3 (February 26, 2003)
Global
Added 110 ns speed option.
Distinctive Characteristics
Updated Automatic Sleep Mode and standby mode current
values.
Pin Configuration
Updated VCC low-end value.
Ordering Information
Changed WB package type to WA.
DC Characteristics, CMOS Compatible
Updated VCC Standby and Reset currents Typ values, and
Automatic Sleep Mode Typ value.
Revision A+4 (March 18, 2003)
Ordering Information, Valid Combinations
Removed dashes from Order Numbers.
Revision A+5 (March 3, 2005)
Ordering Information
Added Commercial and Industrial Pb-free Package tempera-
tures.
Valid Combinations for TSOP package
Added two package codes.
Valid Combination for FBGA package
Added two package codes.
Global
Added Colophon. Updated Trademark information.
Revision A6 (January 23, 2007)
AC Characteristics
Erase and Program Operations table: Changed tBUSY to a
maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2002–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006–2007 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations
thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com