Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NE1617 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE1617
Description  Temperature monitor for microprocessor systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE1617 Datasheet HTML 4Page - NXP Semiconductors NE1617 Datasheet HTML 5Page - NXP Semiconductors NE1617 Datasheet HTML 6Page - NXP Semiconductors NE1617 Datasheet HTML 7Page - NXP Semiconductors NE1617 Datasheet HTML 8Page - NXP Semiconductors NE1617 Datasheet HTML 9Page - NXP Semiconductors NE1617 Datasheet HTML 10Page - NXP Semiconductors NE1617 Datasheet HTML 11Page - NXP Semiconductors NE1617 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
NE1617
Temperature monitor for microprocessor systems
1999 Mar 19
8
1
10
100
1000
SMB CLK FREQUENCY (kHz)
100
90
80
70
60
50
40
30
20
10
0
SL01217
Figure 8. Standby supply current vs. clock frequency
@ VCC = 3.3 V
0.0625
0.125
0.25
0.5
1.0
2.0
4.0
8.0
CONVERSION RATE (Hz)
150
130
110
90
70
50
SL01216
Figure 9. Operating supply current vs. conversion rate
@ VCC = 3.3 V
–2
02
468
10
TIME (SEC)
125
100
75
50
25
0
SL01215
Figure 10. Response to thermal shock immersed in +115
°C
fluorinert bath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com