Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-300S024ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESV-300S024ST
Description  300W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-300S024ST Datasheet(HTML) 2 Page - Inventronics Inc.

  ESV-300S024ST Datasheet HTML 1Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 2Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 3Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 4Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 5Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 6Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 / 7
Specifications are subject to changes without notice.
All specifications are typical at 25
qC unless otherwise stated.
300W Constant Voltage IP67 Driver
ESV-300SxxxST
Rev. O
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Inrush Current
-
-
135 A
At 480Vac input 25
Cold start, Duration= 1.2
ms, 10%Ipk-10%Ipk
Inrush Current(I
2t)
-
-
9 A
2s
PF
0.90
-
-
Measured at 100% load and 277~480 Vac input.
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-2.5%
-
2.5%
ESV-300S042ST
-3%
-
3%
Other models except ESV-300S042ST
Output Voltage Ripple
(pk-pk)
-
-
2% VO
At 100% load condition
Output Voltage Overshoot
/ Undershoot
-
-
2% Vo
ESV-300S042ST
When power on and off
-
-
5% Vo
Other models except
ESV-300S042ST
Line Regulation
-
-
1.0%
Load Regulation
-
-
1.5%
Turn-on Delay Time
-
1.0 s
3.0 s
Measured at 100% load, 277Vac input
-
1.0 s
3.0 s
Measured at 100% load, 480Vac input
Temperature Coefficient
-
0.03%/
qC
-
Case temperature = 0
qC ~Tc max
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Current Protection
110% IO
145% IO
180%IO
Hiccup mode. The power supply shall be self-
recovery when the fault condition is removed.
Over Temperature
Protection
-
110
qC
-
Auto Recovery, returning to normal after over
temperature is removed.
Short Circuit Protection
Hiccup and no damage shall occur when any output operating in a short circuit condition.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency
VO = 24 V
VO = 28 V
VO = 36 V
VO = 42 V
VO = 48 V
89.0%
90.0%
90.0%
90.0%
90.0%
90.0%
90.5%
91.0%
91.0%
91.0%
-
-
-
-
-
Measured at 100% load, 277Vac input, 25
ambient temperature, after the unit is thermally
stabilized.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com