Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-300S024ST Datasheet(PDF) 6 Page - Inventronics Inc.

Part # ESV-300S024ST
Description  300W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-300S024ST Datasheet(HTML) 6 Page - Inventronics Inc.

  ESV-300S024ST Datasheet HTML 1Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 2Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 3Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 4Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 5Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 6Page - Inventronics Inc. ESV-300S024ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 / 7
Specifications are subject to changes without notice.
All specifications are typical at 25
qC unless otherwise stated.
300W Constant Voltage IP67 Driver
ESV-300SxxxST
Rev. O
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2011-06-22
A
Datasheet Released
2011-08-05
B
Output
Specifications-Turn-on
Delay
Time
2 s
3 s
2011-09-22
C
UL,CE,FCC
/
Added
2011-10-12
D
PF,EFF Curve
/
Added
2012-06-06
E
Life Time Curve
/
Added
Notes of life time
/
Updated
EN61000-4-5
line to line 2 kV, line to earth
4 kV
line to line 4 kV, line to earth
6 kV
2012-07-17
F
Max Case Temperature
/
Updated
2012-08-02
G
Safety Details
/
Updated
Inrush Current
60 A
135 A
2012-09-28
H
Inrush Current(I2t)
/
Added
Min PF
/
Added
Temperature coefficient
/
Added
MTBF & Life time Typical
/
Added
Life time curve
/
Added
2012-12-27
I
Mechanical Outline
/
Updated
Dimensions-height
44.5mm
43.5mm
2013-03-25
J
Efficiency
/
1% lower
Output Voltage Overshoot/ Undershoot
2%Vo
5%Vo
Mechanical Outline
/
Updated
2013-05-31
K
OTP
Latch mode
Auto recovery mode
2016-01-25
L
Format
/
Updated
Features
/
Updated
Description
/
Added
Models
ESV-300S042ST
Added
Output Specifications
Output Voltage Tolerance
Updated
Output Specifications
Output Voltage Overshoot
/ Undershoot
Updated
General Specifications
MTBF
Updated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com