Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P83C434CFP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P83C434CFP
Description  8-bit microcontrollers with LCD-driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C434CFP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P83C434CFP Datasheet HTML 13Page - NXP Semiconductors P83C434CFP Datasheet HTML 14Page - NXP Semiconductors P83C434CFP Datasheet HTML 15Page - NXP Semiconductors P83C434CFP Datasheet HTML 16Page - NXP Semiconductors P83C434CFP Datasheet HTML 17Page - NXP Semiconductors P83C434CFP Datasheet HTML 18Page - NXP Semiconductors P83C434CFP Datasheet HTML 19Page - NXP Semiconductors P83C434CFP Datasheet HTML 20Page - NXP Semiconductors P83C434CFP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1997 Jul 03
17
Philips Semiconductors
Product specification
8-bit microcontrollers with LCD-driver
P83C434; P83C834
6.6.5
LCD CONTROL REGISTER (LCDCON)
After an external or Power-on-reset the LCD Control Register holds the value 0CH (see Table 10) resulting in:
• The LCD is disabled. All segment and backplane drivers are set to the VSS level.
• BIAS is set to generate 1⁄3VDD(P).
• Bits MD0 and MD1 reset the multiplex ratio to the 1 : 4 mode.
Table 17 LCD Control Register (address B9H)
Table 18 Description of LCDCON bits
Table 19 Multiplex ratio mode selection
6.6.6
LCD SEGMENT DISPLAY REGISTERS (LCD0 TO LCD11)
The 12 display registers, LCD0 to LCD11, are 8-bit derivative (Read/Write) registers which store LCD segment data.
For detailed information, regarding the LCD0 to LCD11, see Table 23 in Section 6.7.7.
76543210
−−−−
MD1
MD0
BIAS
ENLCD
BIT
SYMBOL
DESCRIPTION
7to4
−
Reserved.
3
MD1
Mode bits. MD0 and MD1 determine the multiplex rate; see Table 19.
2
MD0
1
BIAS
The BIAS bit sets the LCD voltage bias generator. If BIAS is:
HIGH, then the LCD voltage bias generator is set to 1
⁄2VDD(P).
LOW, then the LCD voltage bias generator is set to 1
⁄3VDD(P).
0
ENLCD
Enable LCD. If ENLCD is:
LOW, then the LCD is disabled.
All segment and backplane drivers are set to the VSS level.
HIGH, then the LCD is enabled and character display is possible.
MD1
MD0
MULTIPLEX RATIO MODE
0
0
static
0
1
1:2
1
0
1:3
1
1
1:4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com