Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P83C434CFP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P83C434CFP
Description  8-bit microcontrollers with LCD-driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C434CFP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P83C434CFP Datasheet HTML 17Page - NXP Semiconductors P83C434CFP Datasheet HTML 18Page - NXP Semiconductors P83C434CFP Datasheet HTML 19Page - NXP Semiconductors P83C434CFP Datasheet HTML 20Page - NXP Semiconductors P83C434CFP Datasheet HTML 21Page - NXP Semiconductors P83C434CFP Datasheet HTML 22Page - NXP Semiconductors P83C434CFP Datasheet HTML 23Page - NXP Semiconductors P83C434CFP Datasheet HTML 24Page - NXP Semiconductors P83C434CFP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1997 Jul 03
21
Philips Semiconductors
Product specification
8-bit microcontrollers with LCD-driver
P83C434; P83C834
6.7.4.2
1 : 2 multiplex drive mode
When two backplanes are provided in the LCD, the 1 : 2 multiplex mode applies. The P83C434; P83C834 allows use of
1
⁄2 or 1⁄3 bias in this mode as shown in Figs 13 and 14.
full pagewidth
MGG015
state 1
0
BP0
(a) waveforms at driver
(b) resultant waveforms
at LCD element
LCD elements
state 2
Tframe
BP1
−Vop/2
−Vop
Vop/2
Vop
−Vop/2
−Vop
Vop/2
Vop
state 2
0
state 1
VDD(P)
VDD(P)
VDD(P)
(VDD(P)+VSS)/2
VDD(P)
(VDD(P)+VSS)/2
VSS
VSS
VSS
VSS
Sn+1
Sn
Fig.13 Waveforms for the 1 : 2 multiplex mode with 1
⁄2 bias (Vop =VDD(P) − VSS).
V
state1 t
()
V
S
n
t
()
V
BP0 t
()
–
=
V
on(rms)
0.791V
op
=
V
state2 t
()
V
S
n
t
()
V
BP0 t
()
–
=
V
off(rms)
0.354V
op
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com