Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 16Page - NXP Semiconductors PCF85063AT Datasheet HTML 17Page - NXP Semiconductors PCF85063AT Datasheet HTML 18Page - NXP Semiconductors PCF85063AT Datasheet HTML 19Page - NXP Semiconductors PCF85063AT Datasheet HTML 20Page - NXP Semiconductors PCF85063AT Datasheet HTML 21Page - NXP Semiconductors PCF85063AT Datasheet HTML 22Page - NXP Semiconductors PCF85063AT Datasheet HTML 23Page - NXP Semiconductors PCF85063AT Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Symbol
Value
Place value
Description
3 to 0
0[2] to 9
unit place
Table 21. Hours - hours register (address 06h) bit description...continued
[1]
Hour mode is set by the 12_24 bit in register Control_1.
[2]
Default value.
7.3.4 Register Days
Bit
Symbol
Value
Place value
Description
7 to 6
-
00
-
unused
5 to 4
0[2] to 3
ten’s place
3 to 0
DAYS[1]
0[3] to 9
unit place
actual day coded in BCD format
Table 22. Days - days register (address 07h) bit description
[1]
If the year counter contains a value, which is exactly divisible by 4 (including the year 00), the PCF85063A compensates for leap years by adding a 29th
day to February.
[2]
Default value.
[3]
Default value is 1.
7.3.5 Register Weekdays
Bit
Symbol
Value
Description
7 to 3
-
0000 0
unused
2 to 0
WEEKDAYS
0 to 6
actual weekday values, see Table 24
Table 23. Weekdays - weekdays register (address 08h) bit description
Bit
Day[1]
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday[2]
1
1
0
Table 24. Weekday assignments
[1]
Definition may be reassigned by the user.
[2]
Default value.
7.3.6 Register Months
Bit
Symbol
Value
Place value
Description
7 to 5
-
000
-
unused
Table 25. Months - months register (address 09h) bit description
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
20 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com