Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 34Page - NXP Semiconductors PCF85063AT Datasheet HTML 35Page - NXP Semiconductors PCF85063AT Datasheet HTML 36Page - NXP Semiconductors PCF85063AT Datasheet HTML 37Page - NXP Semiconductors PCF85063AT Datasheet HTML 38Page - NXP Semiconductors PCF85063AT Datasheet HTML 39Page - NXP Semiconductors PCF85063AT Datasheet HTML 40Page - NXP Semiconductors PCF85063AT Datasheet HTML 41Page - NXP Semiconductors PCF85063AT Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
aaa-005841
20
30
40
50
60
70
80
90
100
0
200
400
600
800
RS (kΩ)
IIDD
DD
IDD
(nA)
(nA)
(nA)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
VDD = 3.3 V; CLKOUT disabled.
1. CL(itg) = 12.5 pF; 50 °C; maximum value.
2. CL(itg) = 7 pF; 50 °C; maximum value.
3. CL(itg) = 12.5 pF; 25 °C; typical value.
4. CL(itg) = 7 pF; 25 °C; typical value.
Figure 28. IDD with respect to quartz RS
aaa-005743
0
1
2
3
4
5
6
-3
-1.5
0
1.5
3
VDD (V)
Δf
Δfosc
osc
Δfosc
(ppm)
(ppm)
(ppm)
(1)
(2)
Tamb = 25 °C.
1. CL(itg) = 7 pF.
2. CL(itg) = 12.5 pF.
Figure 29. Oscillator frequency variation with respect to VDD
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; unless otherwise
specified. All timing values are valid within the operating supply voltage and temperature range and referenced to VIL and
VIH with an input voltage swing of VSS to VDD[1].
Symbol
Parameter
Conditions
Min
Max
Unit
Cb
capacitive load for
each bus line
-
400
pF
fSCL
SCL clock frequency
[2] 0
400
kHz
Table 41. I2C-bus characteristics
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
38 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com