Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT/AY Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF85063AT/AY
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AY Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF85063AT/AY Datasheet HTML 12Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 13Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 14Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 15Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 16Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 17Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 18Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 19Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Correction value
Update every nth minute
Second
Correction pulses on INT
per second[1]
+1 or -1
4
00
1
+2 or -2
4
00 and 01
1
+3 or -3
4
00, 01, and 02
1
:
:
:
:
+59 or -59
4
00 to 58
1
+60 or -60
4
00 to 59
1
4
00 to 58
1
+61 or -61
4
59
2
4
00 to 58
1
+62 or -62
4
59
3
4
00 to 58
1
+63 or -63
4
59
4
4
00 to 58
1
-64
4
59
5
Table 15. Correction pulses for MODE = 1
[1]
The correction pulses on pin INT are 1⁄1 024 s wide. For multiple pulses, they are repeated at an interval of 1⁄512 s.
In MODE = 1, any timer source clock using a frequency below 1.024 kHz is also affected by the clock correction
(see Table 16).
Frequency (Hz)
Effect of correction
CLKOUT
32 768
no effect
16 384
no effect
8 192
no effect
4 096
no effect
2 048
no effect
1 024
no effect
1
affected
Timer source clock
4 096
no effect
64
affected
1
affected
1⁄60
affected
Table 16. Effect of correction pulses on frequencies for MODE = 1
7.2.3.3 Offset calibration workflow
The calibration offset has to be calculated based on the time. Figure 11 shows the workflow how the offset
register values can be calculated:
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
16 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com