Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT/AY Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF85063AT/AY
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AY Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF85063AT/AY Datasheet HTML 13Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 14Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 15Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 16Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 17Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 18Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 19Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 20Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Measure the frequency on pin CLKOUT:
fmeas
Convert to time:
tmeas = 1 / fmeas
Calculate the difference to the ideal
period of 1 / 32768.00:
Dmeas = 1 / 32768 - tmeas
Calculate the ppm deviation compared
to the measured value:
Eppm = 1000000 × Dmeas / tmeas
Calculate the offset register value:
Mode = 0 (low power):
Offset value = Eppm / 4.34
Mode = 1 (fast correction)
Offset value = Eppm / 4.069
aaa-004375
sample calculation:
32768.48 Hz
30.517131 µs
0.000447 µs
14.648 ppm
3.375
3 correction pulses
are needed
3.600
4 correction pulses
are needed
Figure 11. Offset calibration calculation workflow
0
2
4
6
8
10
12
14
16
-6
-4
-2
aaa-004371
(3)
(2)
(1)
measured/calculated
deviation 14.648 ppm
deviation after
correction in
MODE = 0
+1.628 ppm
deviation after
correction in
MODE = 1
-1.628 ppm
With the offset calibration an accuracy of ±2 ppm (0.5 × offset per LSB) can be reached (see Table 12).
±1 ppm corresponds to a time deviation of 0.0864 seconds per day.
1. 3 correction pulses in MODE = 0 correspond to -13.02 ppm.
2. 4 correction pulses in MODE = 1 correspond to -16.276 ppm.
3. Reachable accuracy zone.
Figure 12. Result of offset calibration
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
17 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com