Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C738ABP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89C738ABP
Description  8-bit Flash microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C738ABP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89C738ABP Datasheet HTML 13Page - NXP Semiconductors P89C738ABP Datasheet HTML 14Page - NXP Semiconductors P89C738ABP Datasheet HTML 15Page - NXP Semiconductors P89C738ABP Datasheet HTML 16Page - NXP Semiconductors P89C738ABP Datasheet HTML 17Page - NXP Semiconductors P89C738ABP Datasheet HTML 18Page - NXP Semiconductors P89C738ABP Datasheet HTML 19Page - NXP Semiconductors P89C738ABP Datasheet HTML 20Page - NXP Semiconductors P89C738ABP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
1998 Apr 07
17
Philips Semiconductors
Product specification
8-bit Flash microcontrollers
P89C738; P89C739
9
INTERRUPT SYSTEM
The P89C738 contains the same interrupt structure as the
PCB80C51BH, but with a six-source interrupt structure
with two priority levels (see Fig.10).
The external interrupts INT0 and INT1 can each be either
level-activated or transition-activated, depending on bits
IT0 and IT1 in SFR TCON. The flags that actually generate
these interrupts are bits IE0 and IE1 in TCON. When an
external interrupt is generated, the corresponding request
flag is cleared by the hardware when the service routine is
vectored to, only if the interrupt was transition-activated.
If the interrupt was level-activated the external source has
to hold the request active until the requested interrupt is
actually generated. Then it has to deactivate the request
before the interrupt service routine is completed, or else
another interrupt will be generated.
The Timer 0 and Timer 1 interrupts are generated by TF0
and TF1, which are set by a roll-over in their respective
timer/counter register (except for Timer 0 in Mode 3 of the
serial interface). When a timer interrupt is generated, the
flag that generated it is cleared by the on-chip hardware
when the service routine is vectored to.
The Serial Port interrupt is generated by the logical ‘OR’ of
RI and TI. Neither of these flags is cleared by hardware.
The service routine will normally have to determine
whether it was RI or TI that generated the interrupt, and the
bit will have to be cleared by software.
The Timer 2 interrupt is generated by the logical OR of TF2
and EXF2. Neither of these flags is cleared by hardware.
In fact the service routine may have to determine whether
it was TF2 or EXF2 that generated the interrupt, and the bit
will have to be cleared by software.
An additional (third) external interrupt is available, if
Timer 2 is not used as timer/counter or if Timer 2 is used
in the baud rate generator mode. That external interrupt 2
is falling-edge triggered. It shares the Timer 2 interrupt
vector, interrupt enable and interrupt priority bits. If bit
EXEN2 = 1 (T2CON.3), a HIGH-to-LOW transition at pin
P1.1/T2EX sets the interrupt request flag EXF2
(T2CON.6) and can be used to generate an external
interrupt.
The interrupt vectors are listed in Table 4.
Table 4
Interrupt vectors
SOURCE
PRIORITY
WITHIN LEVEL
VECTOR
ADDRESS
IE0
1 (highest)
0003H
TF0
2
000BH
IE1
3
0013H
TF1
4
001BH
RI + TI
5
0023H
TF2 + EXF2
6 (lowest)
002BH
Fig.10 P89C738/P89C739 interrupt sources.
handbook, halfpage
MGK193
IT1
INT1
TF1
TF0
TI
RI
TF2
EXF2
IE1
IT0
INT0
IE0
1
0
interrupt
sources
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com