Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C738ABP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89C738ABP
Description  8-bit Flash microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C738ABP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89C738ABP Datasheet HTML 35Page - NXP Semiconductors P89C738ABP Datasheet HTML 36Page - NXP Semiconductors P89C738ABP Datasheet HTML 37Page - NXP Semiconductors P89C738ABP Datasheet HTML 38Page - NXP Semiconductors P89C738ABP Datasheet HTML 39Page - NXP Semiconductors P89C738ABP Datasheet HTML 40Page - NXP Semiconductors P89C738ABP Datasheet HTML 41Page - NXP Semiconductors P89C738ABP Datasheet HTML 42Page - NXP Semiconductors P89C738ABP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
1998 Apr 07
39
Philips Semiconductors
Product specification
8-bit Flash microcontrollers
P89C738; P89C739
Notes
1. CE and OE must be fixed HIGH during VPP transition from ‘5 to 12 V’ or from ‘12 to 5 V’.
2. to(dis) defined as the time at which the output achieves the open circuit condition and data is no longer driven.
th(Vpp)
VPP hold time
100
−−
ns
to(dis)
output disable time; note 2
−
35
−
ns
tACC(DATA)
DATA polling/toggle bit access time
−
150
−
ns
tE(tot)
total erase time in auto-chip-erase
−
5
−
s
tP(tot)
total programming time in auto-verify
15
−
300
us
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
16.12.1 AUTOMATIC PROGRAMMING
One byte data is programmed. Verifying in fast algorithm
and additional programming by external control are not
required because these operations are executed
automatically by the internal control circuit. Programming
completion can be verified by DATA polling (see
Section 16.9.2) and toggle bit (see Section 16.9.1)
checking after automatic verify starts. Device outputs
DATA during programming and DATA after programming
on Q7. Q0 to Q5 are in high-impedance state; Q6 is the
toggle bit (see Section 16.9.1).
Figure 23 shows the timing waveform.
16.12.2 AUTOMATIC ERASE
All the data on the chip is erased. External erase verifying
is not required because data is erased automatically by
internal control circuit. Erasure completion can be verified
by DATA polling and toggle bit checking after automatic
erase starts.
Device outputs a logic 0 during erasure and a logic 1 after
erasure on Q7. Q0 to Q5 are in high-impedance state; Q6
is the toggle bit (see Section 16.9.1).
Figure 24 shows the timing waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com