Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPPL-LG Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # RPPL-LG
Description  Outdoor Remote Power Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

RPPL-LG Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  RPPL-LG Datasheet HTML 1Page - Tycon Systems, Inc. RPPL-LG Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outdoor Remote Power Systems
Features
• Complete Remote Power Solution for Off-Grid operation
• Weatherproof, UV resistant, outdoor enclosures
• Enclosures can be Wall or Pole Mounted
• High Performance Valve Regulated Sealed Lead Acid Batteries
• Advanced battery charge controller protects against overcharge
and over discharge
Applications
• Wireless Base Stations and Clients
• Surveillance Cameras
• Wireless Bridge and Repeaters
• Remote Sensors
• Remote Lighting
• Backup Power Systems
Description
The RemotePro® PL-LG series (RPPL) outdoor power systems are designed for applications that require a primary off-
grid or backup power source to run various electronics. The sealed and weatherproof 15x11
x6” Polycarbonate
enclosures hold up to two 12V 9AH batteries. The enclosures are hinged and gasket sealed. They can accept a padlock
or tamper seal.
The enclosures can be mounted to a wall or pole with the included mounting bracket system.
The high quality solar panels have a 25year power output guarantee. The 30W and 35W solar panels can be mounted
to a 51mm to 101mm (2" to 4") diameter pole or alternately to a wall with the included bracket kit.
Features include an advanced battery charge controller to protect against over-charging or over-discharging of the valve
regulated sealed lead acid batteries. Some of the RPPL-LG systems include a controller with built in POE inserter and
DCDC converter to supply 24V or 48V PoE from the 12V battery system. Other models use a 20A PWM controller with
parametric LCD display. Enclosures have multiple ports for CAT5/6 cable, antenna cables/connectors or other cabling.
Batteries are an Absorbed Glass Matt (AGM) type which have good all temperature, deep discharge performance.
DATA SHEET
RPPL-LG Series
Solar Mount
20A PWM Controller Inside
10A Solar, 30W PoE Controller Inside
RemotePro®
PL Series


Similar Part No. - RPPL-LG

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
RPPL-LG-L TYCONSYSTEMS-RPPL-LG-L Datasheet
273Kb / 2P
Outdoor Remote Power Systems
More results

Similar Description - RPPL-LG

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com