Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPPL-LG Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # RPPL-LG
Description  Outdoor Remote Power Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

RPPL-LG Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  RPPL-LG Datasheet HTML 1Page - Tycon Systems, Inc. RPPL-LG Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RemotePro® PL-LG Series
RPPL-LG Series Spec Rev 1 6-Nov-23
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
Model #
Continuous
Power
Generation*
Reserve
Time
Enclosure
Type
Battery
Voltage
PoE Output
Voltage
Battery
Capacity
Solar
Panel Size
RPPL12-36-35
7.5W
29hrs
Polycarbonate
12VDC
---
36Ah
35W
RPPL24-36-30
6.5W
34hrs
Polycarbonate
24VDC
---
36Ah
30W
RPPL1224-36-35
7.5W
29hrs
Polycarbonate
12VDC
24V
36Ah
35W
RPPL1248-36-35
7.5W
29hrs
Polycarbonate
12VDC
48V
36Ah
35W
RPPL2424-36-30
6.5W
34hrs
Polycarbonate
24VDC
24V
36Ah
30W
RPPL2448-36-30
6.5W
34hrs
Polycarbonate
24VDC
48V
36Ah
30W
Passive PoE Out (30W)
---
---
24V
48V
24V
48V
Secondary Volts Out (DC)
12V 20A
24V 20A
12V 1.5A
24V 1.5A
Battery Capacity (Amp Hrs)
36Ah
Battery Voltage (DC)
12V
24V
12V
24V
Battery Type
Valve Regulated Sealed Lead Acid / Absorbed Glass Mat (AGM)
Battery Life
5 Years
Controller Type
PWM
Dual Input: Solar/POE, Dual Output: Battery Voltage/POE with DCDC
Converter
Overcharge Protection
14.4V
28.6V
14.4V
28.6V
Over-discharge protection
11.0V
22.0V
11.0V
22.0V
Over-discharge recovery volts
12.5V
24.5V
12.5V
24.5V
Controller Self Consumption
< 0.5W
Enclosure Type
UV Protected Polycarbonate
Enclosure External Size
12 x 8.5 x 7" (305 x 216 x 178mm)
Enclosure Internal Size
11 x 7 x 6" (279 x 178 x 152mm)
Solar Panel Dims
21 X 20
” (540 x 510mm)
Operating Temperature
-30°C to +60°C (-22°F to 140°F)
System Weight (no batteries)
19lb (9kg)
Battery Weight (36Ah)
22lb (10kg)
Wind Speed Rating
110MPH (49m/s)
Warranty
3 Years
For further information contact:
Tyconsystems.com
930 W 14600 S Ste 600
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
*6hrs peak sun



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com