Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP-DCDC-1248GD Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-DCDC-1248GD
Description  Gigabit DC to DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-DCDC-1248GD Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-DCDC-1248GD Datasheet HTML 1Page - Tycon Systems, Inc. TP-DCDC-1248GD Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gigabit DC to DC Converter
Features
• Input Voltage 12VDC or 24VDC or 48VDC
• IEEE 802.3af Compliant or Passive PoE Output
• Dual Inputs for Connecting 2 Power Sources
• Integrated 10/100/1000MB PoE Inserter
• High Power up to 24W
• Low Self Consumption Power
• Short Circuit, Over Current and Reverse/Over Voltage Protect
• High Temperature Operation
• Compact Size – Maximize Available Space
Applications
• 12V / 24V / 48V Battery Systems, Vehicle Applications
• Wireless Access Points and Client Devices
• IP Phone and Security Camera Systems
• PoE Lighting Applications
Description
The TP-DCDC Gigabit Series of DC to DC converters offered by Tycon Power® are a low cost and high efficiency
solution for those requiring IEEE802.3af or Passive Power over Ethernet from a 12VDC or 24VDC or 48VDC voltage
source like a battery system or vehicle. They have an integrated POE injector to apply the power and data output to
the CAT5 Ethernet cable. The output voltage is regulated and protected. They have two isolated inputs for connecting
2 power sources, like a primary and backup power source. A metal enclosure model is available for industrial
applications.
They accept gigabit data-in to a shielded RJ45 Jack and provide gigabit data-out and PoE power on the shielded RJ45
output jack. They work by supplying power on Ethernet pins 4,5(V+) and 7,8(V-). They have various protections for
surge, short circuit and overload. The units have power outputs up to 24W.
Device Pinouts
RJ-45 Input (Data Only)
RJ-45 Output (Data & Power)
Pin
Symbol
Description
Symbol
Description
1
BI_DA+
Data Pair A+
BI_DA+
Data Pair A+
2
BI_DA-
Data Pair A-
BI_DA-
Data Pair A-
3
BI_DB+
Data Pair B+
BI_DB+
Data Pair B+
4
BI_DC+
Data Pair C+
+Vdc + BI_DC+
power(+)+Data Pair C+
5
BI_DC-
Data Pair C-
+Vdc + BI_DC-
power(+)+Data Pair C-
6
BI_DB-
Data Pair B-
BI_DB-
Data Pair B-
7
BI_DD+
Data Pair D+
-Vdc + BI_DD+
power(-)+Data Pair D+
8
BI_DD-
Data Pair D-
-Vdc + BI_DD-
power(-)+Data Pair D-
DATA SHEET
TP-DCDC G
TP-DCDC-1248GD
17W 802.3af


Similar Part No. - TP-DCDC-1248GD

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-DCDC-1248GAD TYCONSYSTEMS-TP-DCDC-1248GAD Datasheet
247Kb / 3P
Gigabit DC to DC Converter
TP-DCDC-1248GAD-M TYCONSYSTEMS-TP-DCDC-1248GAD-M Datasheet
247Kb / 3P
Gigabit DC to DC Converter
More results

Similar Description - TP-DCDC-1248GD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
DC-to-DC converter powertrain
Rev. 02-2 March 2005
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com