Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP-DCDC-1248GD Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-DCDC-1248GD
Description  Gigabit DC to DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-DCDC-1248GD Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-DCDC-1248GD Datasheet HTML 1Page - Tycon Systems, Inc. TP-DCDC-1248GD Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP-DCDC G
TP-DCDC Gigabit Spec Rev 12 5-Dec-22
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
TP-DCDC-1224G
9-36VDC IN, 24VDC Passive PoE OUT, 20W DCDC Converter with Gige PoE Inserter
TP-DCDC-1248G
9-36VDC IN, 48VDC Passive PoE OUT, 20W DCDC Converter with Gige PoE Inserter
TP-DCDC-1248GD
9-36VDC IN, 48VDC 802.3af OUT, 17W DCDC Converter with Gige PoE Inserter
TP-DCDC-1248GD-M
9-36VDC IN, 48VDC 802.3af OUT, 17W DCDC Converter/PoE Inserter. Metal Case
TP-DCDC-4824G
36-72VDC IN, 24VDC Passive PoE OUT, 24W DCDC Converter/ Gige PoE Inserter.
TP-DCDC-4848G
36-72VDC IN, 48VDC Passive PoE OUT, 24W DCDC Converter/ Gige PoE Inserter.
For further information contact:
TP-DCDC-
1224G
TP-DCDC-
1248G
TP-DCDC-
1248GD
TP-DCDC-
1248GD-M
TP-DCDC-
4824G
TP-DCDC-
4848G
DC Input Voltage
9VDC
–
36VDC
9VDC
–
36VDC
9VDC
–
36VDC
9VDC
–
36VDC
36VDC-
72VDC
36VDC-
72VDC
DC Input Current
2.86A @ 9V
0.67A @ 36V
1.85A @ 12V
0.9A @ 24V
1.85A @ 12V
0.9A @ 24V
1.85A @ 12V
0.9A @ 24V
0.84A @ 36V
0.43A @ 72V
0.84A @ 36V
0.43A @ 72V
DC Input Connector
Removeable Screw Type Compression Wire Terminal (12 AWG Max)
DC Output Voltage
24V (Passive)
48V (Passive)
48V (802.3af)
48V (802.3af)
24V (Passive)
48V (Passive)
Data in & Data/POE Output
Connector
RJ45 (Shielded)
Output Current (max)
0.8A
0.42A
0.35A
0.35A
1A
0.5A
Output Power (max)
20W
20W
17W
17W
24W
24W
Self Consumption Power
1W
Efficiency (min)
75%
Line Regulation
1%
Load Regulation
5%
Ripple
1%
Noise
1%
EMC Standards
FCC Class B EN55022 Class B
Safety Standards
CSA 22.2 &TUV EN60950
Operating Temp
-30 to +60°C (-22 to +140°F)
Operating Humidity
5% - 90%
Storage Temp
-40 to +80°C (-40 to +176°F)
MTBF (Mean Time Between Failure)
166,000 Hours
111,863 Hrs
Dimensions (LxWxH)
85 x 76 x 36mm (3.4 x 3 x 1.4”)
Weight
134g (4.7oz)
Warranty
3 Years
Tyconsystems.com
DC Input
Connector
TP-DCDC-1248GD-M
(Metal Enclosure)
14641 S 800 W Ste A Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com