Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5507ACBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5507ACBZ
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5507ACBZ Datasheet HTML 9Page - Analog Devices ADL5507ACBZ Datasheet HTML 10Page - Analog Devices ADL5507ACBZ Datasheet HTML 11Page - Analog Devices ADL5507ACBZ Datasheet HTML 12Page - Analog Devices ADL5507ACBZ Datasheet HTML 13Page - Analog Devices ADL5507ACBZ Datasheet HTML 14Page - Analog Devices ADL5507ACBZ Datasheet HTML 15Page - Analog Devices ADL5507ACBZ Datasheet HTML 16Page - Analog Devices ADL5507ACBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADL5507
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 34
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CFLT
An optional capacitor connected between CFLT and VLOG (pin 5) reduces the detector ripple averaging bandwidth. It slows the response of
the output and reduces noise seen on the output.
2
VPOS
Positive DC power supply. Bypass externally with a 100 pF and a 0.1 μF low ESR capacitors near this pin to ground.
3
RFIN
RF input. Internally ac-coupled with an on-chip 25 pF series capacitor. Connect a 51 Ω shunt resistor as close as possible to this pin for a
broadband 50 Ω match.
4
COMM
Device common (Ground). Connect this pin to system ground using a low impedance path.
5
VLOG
Logarithmic output. The DC output voltage at this pin is linearly proportional to the RF signal level applied to RFIN (pin 3) in dBm. In shutdown
(ENBL = low) this interface becomes high-impedance to avoid discharge of external filter capacitors.
6
ENBL
Device enable and output response selection. Connect the ENBL pin to a logic high to enable the device and select positive output slope
mode. Float, or apply VPOS/2 to the ENBL pin to enable the device and select negative output slope mode. When it is floating, the ENBL pin
self-biases to approximately half of the voltage on VPOS (pin 2). Connect the ENBL pin to a logic low to disable the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com