Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5507ACBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5507ACBZ
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5507ACBZ Datasheet HTML 17Page - Analog Devices ADL5507ACBZ Datasheet HTML 18Page - Analog Devices ADL5507ACBZ Datasheet HTML 19Page - Analog Devices ADL5507ACBZ Datasheet HTML 20Page - Analog Devices ADL5507ACBZ Datasheet HTML 21Page - Analog Devices ADL5507ACBZ Datasheet HTML 22Page - Analog Devices ADL5507ACBZ Datasheet HTML 23Page - Analog Devices ADL5507ACBZ Datasheet HTML 24Page - Analog Devices ADL5507ACBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADL5507
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 34
Figure 45. VVLOG and Log Conformance Error vs. PRFIN Over Temperature at
450 MHz, Negative Slope Mode
Figure 46. Log Conformance Error vs. PRFIN Over Temperature and VPOS at
450 MHz, Negative Slope Mode
Figure 47. Distribution of VVLOG and Log Conformance Error Drift with
Respect to 25°C vs. PRFIN at 450 MHz, Negative Slope Mode
Figure 48. VVLOG and Log Conformance Error vs. PRFIN Over Temperature at
700 MHz, Negative Slope Mode
Figure 49. Log Conformance Error vs. PRFIN Over Temperature and VPOS at
700 MHz, Negative Slope Mode
Figure 50. Distribution of VVLOG and Log Conformance Error Drift with
Respect to 25°C vs. PRFIN at 700 MHz, Negative Slope Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com