Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MPC10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MPC10
Description  Air Sampler PCE-MPC 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MPC10 Datasheet HTML 1Page - PCE Instruments. PCE-MPC10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
General device specifications 
Display
2" full-color LCD
Display resolution
220 x 176 pixels
Power supply
Rechargeable battery or USB port
Charging
Takes measurements even while the battery is
charging
Sampling time
Adjustable interval: 30 seconds, 1 minute, 2
minutes or 5 minutes
Memory
Internal, stores up to 5000 date-and-time-stamped
data sets
Data interface
USB port
 
 
Particle specifications
 
Particulate matter channels
PM 2.5 / PM 10
Particle sizes (in micrometers) 2.5 µm, 10 µm
Particle concentrations
0 ... 2000 μg / m³
Resolution
1 μg / m³
 
 
Temperature specifications  
Temp. measuring range
0 ... +50 °C / +32 ... +122 °F
Accuracy
± 1 °
Resolution
0.1 °
Units
Degrees Celsius (°C) or Fahrenheit (°F)
 
 
Relative humidity (RH)
specifications
 
Humidity measuring range
0 ... 100 % RH
Accuracy
± 3.5 % RH (20 ... 80 % RH)
± 5 % RH (0 ... 20 % RH / 80 ... 100 % RH)
Resolution
0.1 % RH
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com