Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MPC10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-MPC10
Description  Air Sampler PCE-MPC 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-MPC10 Datasheet HTML 1Page - PCE Instruments. PCE-MPC10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Sampler PCE-MPC 10
PCE-MPC 10 Air Sampler
Portable handheld particle counter for monitoring particulate matter (PM) concentrations in the air / 2.5 µm and 10 µm particle sizes
/ Measures air temperature and relative humidity / Internal memory stores up to 5000 date-and-time-stamped data sets / Integrated
data logger with adjustable sampling time
PCE-MPC 10 is a portable handheld air sampler or particle counter used to monitor particulate matter (PM) concentrations in the air. Designed
to aid in indoor air quality (IAQ) assessments, this particle counter also measures air temperature and relative humidity (RH). The particle
counter can be powered either by the rechargeable battery or the USB port. The USB port also is used to charge the battery. The particle
counter takes measurements even while the battery is charging, allowing for uninterrupted IAQ monitoring. The integrated data logger has an
adjustable sampling time of 30 seconds, 1 minute, 2 minutes or 5 minutes, while the internal memory stores up to 5000 date-and-time-
stamped data sets.
The particle counter displays all measurements simultaneously on the device's 2" full-color LCD screen. Temperature units can be shown in
either degrees Celsius (°C) or Fahrenheit (°F). A scale below the measured values provides a visual warning via a band of colors increasing from
green (safe) to violet (extreme danger). This visual color-coding system makes it easy to recognize when PM concentration levels become
dangerous, allowing for quick action.
When inhaled, PM 2.5 and PM 10 particles can settle deep into the lungs and result in damaging health effects. Since the PCE-MPC 10 particle
counter monitors PM 2.5 and PM 10 particles, the device has many practical health and safety applications. Heating, ventilation and air
conditioning (HVAC) technicians use PM 2.5 and PM 10 particle counters for HVAC system performance and filtration audits. In addition,
industrial hygienists and workplace safety professionals rely on PM 2.5 and PM 10 particle counters when evaluating occupational health and
safety risks related to hazardous and combustible dust.
Particulate matter (PM) channels: PM 2.5, PM 10
Particle sizes (in micrometers): 2.5 µm, 10 µm
Temperature measuring range: 0 ... +50 °C / +32 ... +122 °F
Humidity measuring range: 0 ... 100 % RH
2" full-color LCD with user-friendly graphics
220 x 176 pixel display resolution
Displays temperature in degrees Celsius (°C) or Fahrenheit (°F)
Powered by rechargeable battery or AC power (via USB port)
Portable handheld design for indoor air quality (IAQ) monitoring in the field and on the go
Includes a stand for attaching to the thread on the back of the device
Features an internal memory for storing up to 5000 data sets
Saved data is stamped with the time and date
Takes measurements even while the battery is charging
Integrated data logger with adjustable sampling time: 30 seconds, 1 minute, 2 minutes or 5 minutes
Programmable alarm and automatic power-off battery-saving functionality


Similar Part No. - PCE-MPC10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-MPC15 PCE-PCE-MPC15 Datasheet
705Kb / 3P
Air Sampler PCE-MPC 15
More results

Similar Description - PCE-MPC10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9823 AD-AD9823 Datasheet
401Kb / 8P
Correlated Double Sampler (CDS)
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Analog Devices
AD9823 AD-AD9823_15 Datasheet
408Kb / 8P
Correlated Double Sampler
REV. 0
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Lapp.
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com