Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MPC20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MPC20
Description  Air Sampler PCE-MPC 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MPC20 Datasheet HTML 1Page - PCE Instruments. PCE-MPC20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Mass concentration
 
Measurable particle sizes
PM2.5 / PM10
Measuring range mass concentration
0 ... 2000 μg / m³
Resolution
1 μg / m³
 
 
Particle counter
 
Measurable particle sizes
0.3, 2.5 and 10 μm
Flow rate
2.83 l / min (0.1 ft³)
Coincidence error
< 5% at 2,000,000 particles per ft³
Counting efficiency
50% at 0.3 μm;
 
100% with particle size > 0.45 μm
Counting modes
Cumulative, differential, concentration
 
 
Measurement of air temperature and relative humidity
Measuring range air temperature
0 ... 50°C / 32 ... 122°F
Measuring range dew point
temperature
0 ... 50°C / 32 ... 122°F
Measuring range relative humidity
0 ... 100%
Measuring accuracy air temperature
10 ... 40°C / 50 ... 104°F: ± 1.0°C / 1.8°F
 
Others: ± 2.0°C / 3.6°F
Measuring accuracy dew point
temperature     
10 ... 40°C / 50 ... 104°F: ± 1.0°C / 1.8°F
 
Others: ± 2.0°C / 3.6°F
Measuring accuracy relative humidity
0 ... 20% rel. Humidity: ± 5%
 
20 ... 80% rel. Humidity: ± 3.5%
 
80 ... 100% rel. Humidity: ± 5%
Operating conditions
0 ... 50°C / 32 ... 122°F, 10 ... 90% rel.
humidity,
 
Not condensing
Storage conditions
-10 ... 60°C / 14 ... 140°F, 10 ... 90% rel.
humidity,
 
Not condensing
Data storage
5,000 data sets (Micro SD card)
Display
2.8", 320 x 240 pixels
 
Backlit color LCD
Power supply
Charger
Rechargeable battery 1200-mAh, 7.4V
100 ... 240 VAC, 50 or 60 Hz
Battery Life
About 4 hours in continuous operation
Battery recharge time
About 2 hours with AC adapter
Dimensions
240 x 75 x 57 mm / 9.4 x 3 x 2.2 in
Weight
570 g / 1.3 lbs
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com