Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MPC20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-MPC20
Description  Air Sampler PCE-MPC 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-MPC20 Datasheet HTML 1Page - PCE Instruments. PCE-MPC20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Sampler PCE-MPC 20
Air sampler PCE-MPC 20
Dust measuring device for the measurement of pollutant content of the atmosphere / With data memory / USB interface / Mass
concentration / Particle counter
The dust measuring device PCE-MPC 20 is a particle counter that measures the particles in the atmosphere. The measurable particle sizes of
the dust measuring device are 0.3, 2.5 and 10 μm. In addition to the particle counter function, the dust meter also measures the mass
concentrations PM2.5 and PM10. The built-in high-performance pump ensures a sufficient flow rate at the dust measuring device. In addition,
the dust meter can also measure the temperature, humidity and dew point.
The measured values can be read directly on the display of the dust measuring device. Data storage is also possible with the dust measuring
device in order to analyze the measured values after a measuring process. The battery used ensures a mobile application. This allows a mobile
continuous operation of about 4 hours. A dust measuring device is used wherever a possible health hazard due to fine dust could occur. These
include pollution from incineration, manufacturing, energy production, vehicle engine emissions, and the pollution that the construction
industry generates.
Mass concentration PM2.5 / PM10
Data memory up to 5,000 data sets
Flow rate 2.83 l / min
Display with graphic real-time diagram
Battery or AC operation possible
Alarm function


Similar Part No. - PCE-MPC20

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-MPC25 PCE-PCE-MPC25 Datasheet
699Kb / 3P
Air Sampler PCE-MPC 25
More results

Similar Description - PCE-MPC20

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC0740LR42C KEMET-MPC0740LR42C Datasheet
69Kb / 1P
Power, MPC, 420 nH, 20%
MPC0750LR60C KEMET-MPC0750LR60C Datasheet
69Kb / 1P
Power, MPC, 600 nH, 20%
MPC0750LR68C KEMET-MPC0750LR68C Datasheet
69Kb / 1P
Power, MPC, 680 nH, 20%
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
Power, MPC, 450 nH, 20%
MPC1040LR56C KEMET-MPC1040LR56C Datasheet
69Kb / 1P
Power, MPC, 560 nH, 20%
MPC1040LR88C KEMET-MPC1040LR88C Datasheet
69Kb / 1P
Power, MPC, 880 nH, 20%
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1250LR36C KEMET-MPC1250LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com