Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-VM5000 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-VM5000
Description  Technical Vibration Meter PCE-VM 5000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM5000 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-VM5000 Datasheet HTML 1Page - PCE Instruments. PCE-VM5000 Datasheet HTML 2Page - PCE Instruments. PCE-VM5000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
calibration point: 50 mm/s (160 Hz)
Expansion
mm
1.999 mm
± (5 % rdg + 5 d)
inch
0.078 inch
@ 80 und 160 Hz
calibration point: 0.141 mm (160 Hz)
Delivery Contents
1 x 4-channel PCE-VM 5000 Vibration Meter
2 x sensors with cable and magnet foot
8 x 1.5 V AA batteries
1 x instruction manual
1 x transportation case



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com