Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-VM5000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VM5000
Description  Technical Vibration Meter PCE-VM 5000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM5000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VM5000 Datasheet HTML 1Page - PCE Instruments. PCE-VM5000 Datasheet HTML 2Page - PCE Instruments. PCE-VM5000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Vibration Meter PCE-VM 5000
Vibration Meter PCE-VM 5000 display and storage of acceleration-, speed- and expansion
measurement of vibrations/ 4-channel vibration Vibration Meter indicates 4 channels of
simultaneous vibration metering through remote vibration sensors
The 4-channel PCE-VM 5000 Vibration Meter is especially designed for precise measurements of
vibrations. Despite the fact that the 4-channel vibration Vibration Meter is a complex and sensitive
device, its hard-wearing design enables operation for many years. The PCE-VM 5000 Vibration Meter
indicates on a large, lightened LCD display four channels of simultaneous vibration measurements
from remote vibration sensors. The Vibration Meter measures in a frequency range of 10 Hz to 1 KHz
for speed, acceleration, and expansion. The captured data values are saved on a SD memory card
where you can choose between automatic and manual data storage. By means of the SD memory card
the data can be transferred afterwards to a computer in order to analyze it in an excel-file. With the
PCE-VM 5000 Vibration Meter you can choose between different measurement units: for acceleration,
the unit m/s², g, and ft/s² are able to be selected; for speed, mm/s, cm/s and inches/s can be used;
and for the expansion, mm and inches can be indicated.
- Acceleration, speed, expansion
- Long-lasting
- Precise measurement
- Large, LCD display with background lights
- Different measurement units
- Data storage on SD card
- Frequency range 10 Hz ... 1 KHz
- Evaluation of data at computer
Technical Specifications
Display
82 mm x 61 mm ("), LCD display with background
lights
Number of channels
4 input channels
Measuring types
speed, acceleration, expansion


Similar Part No. - PCE-VM5000

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VM20 PCE-PCE-VM20 Datasheet
373Kb / 2P
Accelerometer PCE-VM 20
PCE-VM20-ICA PCE-PCE-VM20-ICA Datasheet
582Kb / 3P
Accelerometer PCE-VM 20-ICA incl. ISO CalibrationCertificate
PCE-VM22 PCE-PCE-VM22 Datasheet
1Mb / 3P
Vibration Analyzer PCE-VM 22
PCE-VM31 PCE-PCE-VM31 Datasheet
180Kb / 2P
Human Vibration Meter without Sensors PCE-VM 31
PCE-VM31-HA PCE-PCE-VM31-HA Datasheet
264Kb / 2P
Human Vibration Analyzer with Hand-Arm Sensor PCE-VM 31-HA
More results

Similar Description - PCE-VM5000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407850 EXTECH-407850 Datasheet
95Kb / 6P
Heavy Duty Vibration Meter
407860 EXTECH-407860 Datasheet
184Kb / 1P
Heavy Duty Vibration Meter
461880 EXTECH-461880 Datasheet
211Kb / 12P
Vibration Meter and Laser Combination Tachometer
logo
Advantech Co., Ltd.
PCE-5B03V-00A1E ADVANTECH-PCE-5B03V-00A1E Datasheet
4Mb / 4P
Compatible with PCE-5000 Series System Host Board 1U Butterfly Backplanes
logo
List of Unclassifed Man...
VM110 ETC2-VM110 Datasheet
44Kb / 2P
Hand Held Vibration Meter
logo
Extech Instruments Corp...
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
Heavy Duty Vibration Meter
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
Pen Vibration Meter
VB500 EXTECH-VB500 Datasheet
176Kb / 1P
4-Channel Vibration Meter/Datalogger
logo
Fluke Corporation
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
Fluke 805 Vibration Meter
4/2012
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com