Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFPS35N50LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFPS35N50LPBF
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS35N50LPBF Datasheet(HTML) 6 Page - International Rectifier

  IRFPS35N50LPBF Datasheet HTML 1Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 2Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 3Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 4Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 5Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 6Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 7Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFPS35N50LPbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
15A
22A
34A
Fig 14b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 14a. Unclamped Inductive Test Circuit
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 15a. Gate Charge Test Circuit
Fig 15b. Basic Gate Charge Waveform
Fig 12. Maximum Safe Operating Area
1
10
100
1000
1
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com